Nombre de pieza
         Descripción
2N5655_06

 Plastic NPN Silicon High−Voltage Power Transistor ( 5 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
2N5655, 2N5657
http://onsemi.com
4
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
10
2.0
5.0
10
20
50
100
0.2
0.5
1.0
200
70
50
30
Cib
Cob
100
20
TJ = + 25°C
Figure 6. Capacitance
10
1.0
Figure 7. Turn−On Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
0.01
2.0
5.0
10
20
50
100
500
0.05
0.02
200
tr
IC/IB = 10
VCC = 300 V, VBE(off) = 2.0 V
(2N5657, only)
VCC = 100 V, VBE(off) = 0 V
td
10
1.0
Figure 8. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
5.0
2.0
1.0
0.5
0.2
0.1
2.0
5.0
10
20
50
100
500
200
ts
IC/IB = 10
tf
VCC = 100 V
VCC = 300 V
(Type 2N5657, only)
1  2  3  4  5 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
2N6547HIGH POWER NPN SILICON TRANSISTOR 1 2 3 4 STMicroelectronics
BUX81HIGH CURRENT HIGH SPEED HIGH POWER SILICON NPN PLANAR TRANSISTOR 1 2 Seme LAB
2N3773High power NPN silicon transistor 1 2 3 4 5 MoreSTMicroelectronics
2SC5754NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 1 2 3 4 5 MoreNEC
2SC5752NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD 1 2 3 4 5 MoreNEC
2N6388_00SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 5 STMicroelectronics
2SD2402NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING 1 2 3 4 5 MoreNEC

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl