Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA1517DWPRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA1517DWPRG4
Descripción Electrónicos  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA1517DWPRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA1517DWPRG4 Datasheet HTML 2Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 3Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 4Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 5Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 6Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 7Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 8Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 9Page - Texas Instruments TPA1517DWPRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
0.1%
0.01%
20
100
1 k
1%
f - Frequency - Hz
10%
10 k 20 k
VCC = 12 V
RL = 8 Ω
PO = 1 W
Both Channels
20
0.1%
0.01%
100
1 k
1%
f - Frequency - Hz
10%
10 k 20 k
VCC = 12 V
RL = 32 Ω
PO = 0.25 W
20
0.1%
0.01%
100
1 k
1%
f - Frequency - Hz
10%
10 k 20 k
VCC = 14.5 V
RL = 4 Ω
PO = 3 W
20
0.1%
0.01%
100
1 k
1%
f - Frequency - Hz
10%
10 k 20 k
VCC = 14.5 V
RL = 8 Ω
PO = 1.5 W
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
6
Submit Documentation Feedback


Número de pieza similar - TPA1517DWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA1517DWPRG4 TI1-TPA1517DWPRG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA1517DWPRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com