Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AHCT16541DGVR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
SN74AHCT16541DGVR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 10 page MECHANICAL DATA MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DL (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 4040048 / E 12/01 48 PINS SHOWN 56 0.730 (18,54) 0.720 (18,29) 48 28 0.370 (9,40) (9,65) 0.380 Gage Plane DIM 0.420 (10,67) 0.395 (10,03) A MIN A MAX 0.010 (0,25) PINS ** 0.630 (16,00) (15,75) 0.620 0.010 (0,25) Seating Plane 0.020 (0,51) 0.040 (1,02) 25 24 0.008 (0,203) 0.0135 (0,343) 48 1 0.008 (0,20) MIN A 0.110 (2,79) MAX 0.299 (7,59) 0.291 (7,39) 0.004 (0,10) M 0.005 (0,13) 0.025 (0,635) 0 °–8° 0.005 (0,13) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). D. Falls within JEDEC MO-118 |
Número de pieza similar - SN74AHCT16541DGVR |
|
Descripción similar - SN74AHCT16541DGVR |