Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD100NH03LT4 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STD100NH03LT4
Descripción Electrónicos  N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100NH03LT4 Datasheet(HTML) 5 Page - STMicroelectronics

  STD100NH03LT4 Datasheet HTML 1Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 2Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 3Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 4Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 5Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 6Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 7Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 8Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STD100NH03L
Electrical characteristics
5/15
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 15V, ID = 30A,
RG = 4.7Ω, VGS = 10V
Figure 13 on page 8
16
95
48
23
47
ns
ns
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
60
A
ISDM
Source-drain current (pulsed)
240
A
VSD
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 30A, VGS = 0
1.4
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 60A,
di/dt = 100A/µs,
VDD = 15V, TJ = 150°C
Figure 15 on page 8
46
64
2.8
ns
µC
A


Número de pieza similar - STD100NH03LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD100NH03LT4 STMICROELECTRONICS-STD100NH03LT4 Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
More results

Descripción similar - STD100NH03LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
   N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET??II POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com