Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGP10NC60HD Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STGP10NC60HD
Descripción Electrónicos  N-channel 600V - 10A - TO-220 - D2PAK Very fast PowerMESH TM IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NC60HD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGP10NC60HD Datasheet HTML 6Page - STMicroelectronics STGP10NC60HD Datasheet HTML 7Page - STMicroelectronics STGP10NC60HD Datasheet HTML 8Page - STMicroelectronics STGP10NC60HD Datasheet HTML 9Page - STMicroelectronics STGP10NC60HD Datasheet HTML 10Page - STMicroelectronics STGP10NC60HD Datasheet HTML 11Page - STMicroelectronics STGP10NC60HD Datasheet HTML 12Page - STMicroelectronics STGP10NC60HD Datasheet HTML 13Page - STMicroelectronics STGP10NC60HD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STGB10NC60HD - STGP10NC60HD
10/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Número de pieza similar - STGP10NC60HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGP10NC60HD STMICROELECTRONICS-STGP10NC60HD Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
More results

Descripción similar - STGP10NC60HD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_06 Datasheet
272Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGP10NC60H STMICROELECTRONICS-STGP10NC60H Datasheet
104Kb / 9P
   N-CHANNEL 10A - 600V - TO-220 VERY FAST PowerMESH??IGBT
November 2005 Rev 1
STGP10NC60H STMICROELECTRONICS-STGP10NC60H_07 Datasheet
315Kb / 13P
   N-channel 10A - 600V - TO-220 Very fast PowerMESH IGBT
STGB6NC60H STMICROELECTRONICS-STGB6NC60H Datasheet
326Kb / 14P
   N-channel 600V - 7A - D2PAK Very fast PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com