Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74LV138AD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74LV138AD
Descripción Electrónicos  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74LV138AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV138AD Datasheet HTML 2Page - Texas Instruments SN74LV138AD Datasheet HTML 3Page - Texas Instruments SN74LV138AD Datasheet HTML 4Page - Texas Instruments SN74LV138AD Datasheet HTML 5Page - Texas Instruments SN74LV138AD Datasheet HTML 6Page - Texas Instruments SN74LV138AD Datasheet HTML 7Page - Texas Instruments SN74LV138AD Datasheet HTML 8Page - Texas Instruments SN74LV138AD Datasheet HTML 9Page - Texas Instruments SN74LV138AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
11.7(2)
17.6(2)
1(2)
21(2)
1
21
tpd
G1
Y
CL = 15 pF
12.3(2)
19.2(2)
1(2)
22(2)
1
22
ns
G2A or G2B
11.4(2)
18.2(2)
1(2)
21(2)
1
21
A, B, or C
14.9
21.4
1
25
1
25
tpd
G1
Y
CL = 50 pF
15.7
22.6
1
26
1
26
ns
G2A or G2B
14.8
22
1
25
1
25
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
8.1(2)
11.4(2)
1(2)
13.5(2)
1
13.5
tpd
G1
Y
CL = 15 pF
8.4(2)
12.8(2)
1(2)
15(2)
1
15
ns
G2A or G2B
7.8(2)
11.4(2)
1(2)
13.5(2)
1
13.5
A, B, or C
10.3
15.8
1
18
1
18
tpd
G1
Y
CL = 50 pF
10.6
16.3
1
18.5
1
18.5
ns
G2A or G2B
10
14.9
1
17
1
17
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV138A(1)
SN74LV138A
FROM
TO
LOAD
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
A, B, or C
5.6(2)
8.1(2)
1(2)
9.5(2)
1
9.5
tpd
G1
Y
CL = 15 pF
5.7(2)
8.1(2)
1(2)
9.5(2)
1
9.5
ns
G2A or G2B
5.4(2)
8.1(2)
1(2)
9.5(2)
1
9.5
A, B, or C
7
10.1
1
11.5
1
11.5
tpd
G1
Y
CL = 50 pF
7.1
10.1
1
11.5
1
11.5
ns
G2A or G2B
6.8
10.1
1
11.5
1
11.5
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
3.3 V
16.8
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
pF
5 V
19.1
6


Número de pieza similar - SN74LV138AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74LV138AD TI-SN74LV138AD Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138AD TI-SN74LV138AD Datasheet
749Kb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138AD TI-SN74LV138AD Datasheet
1Mb / 33P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
REVISED AUGUST 2005
SN74LV138ADB TI-SN74LV138ADB Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LV138ADBR TI-SN74LV138ADBR Datasheet
378Kb / 16P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Descripción similar - SN74LV138AD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com