Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L60NH3LL Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza L60NH3LL
Descripción Electrónicos  N-channel 30V - 0.0065ohm - 30A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L60NH3LL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L60NH3LL Datasheet HTML 5Page - STMicroelectronics L60NH3LL Datasheet HTML 6Page - STMicroelectronics L60NH3LL Datasheet HTML 7Page - STMicroelectronics L60NH3LL Datasheet HTML 8Page - STMicroelectronics L60NH3LL Datasheet HTML 9Page - STMicroelectronics L60NH3LL Datasheet HTML 10Page - STMicroelectronics L60NH3LL Datasheet HTML 11Page - STMicroelectronics L60NH3LL Datasheet HTML 12Page - STMicroelectronics L60NH3LL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STL60NH3LL
10/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Número de pieza similar - L60NH3LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Visual Communications C...
L60 VCC-L60 Datasheet
211Kb / 1P
   watertight
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
   SINGLE CHIP READ & WRITE CHANNEL
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030C LITTELFUSE-L60030C Datasheet
1Mb / 4P
   LF Series Fuse Block Covers
Rev: 110413
L60030C-1C LITTELFUSE-L60030C-1C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

Descripción similar - L60NH3LL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STL60NH3LL STMICROELECTRONICS-STL60NH3LL Datasheet
350Kb / 13P
   N-channel 30V - 0.0065Ohm - 30A - PowerFLAT TM (6x5) Ultra low gate charge STripFET??Power MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL Datasheet
332Kb / 12P
   N-channel 30V - 0.011 - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL50NH3LL_0609 STMICROELECTRONICS-STL50NH3LL_0609 Datasheet
351Kb / 12P
   N-channel 30V - 0.011ohm - 13A - PowerFLAT (6x5) Ultra low gate charge STripFET Power MOSFET
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
   N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL8NH3LL STMICROELECTRONICS-STL8NH3LL_06 Datasheet
285Kb / 12P
   N-channel 30V - 0.012ohm - 8A - PowerFLAT Ultra low gate charge STripFET Power MOSFET
STL55NH3LL STMICROELECTRONICS-STL55NH3LL Datasheet
369Kb / 14P
   N-channel 30 V, 0.0079 廓, 15 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL75NH3LL STMICROELECTRONICS-STL75NH3LL Datasheet
348Kb / 12P
   N-channel 30 V, 0.004 廓, 20 A, PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
   N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT??LOW GATE CHARGE STripFET??MOSFET
STL50NH3LL STMICROELECTRONICS-STL50NH3LL_07 Datasheet
353Kb / 12P
   N-channel 30 V - 0.011 廓 - 13 A - PowerFLAT??(6x5) ultra low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com