Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK545-60B Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BUK545-60B
Descripción Electrónicos  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK545-60B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK545-60B Datasheet HTML 1Page - NXP Semiconductors BUK545-60B Datasheet HTML 2Page - NXP Semiconductors BUK545-60B Datasheet HTML 3Page - NXP Semiconductors BUK545-60B Datasheet HTML 4Page - NXP Semiconductors BUK545-60B Datasheet HTML 5Page - NXP Semiconductors BUK545-60B Datasheet HTML 6Page - NXP Semiconductors BUK545-60B Datasheet HTML 7Page - NXP Semiconductors BUK545-60B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK545-60A/B
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
logic level field-effect power
transistor in a plastic full-pack
BUK545
-60A
-60B
envelope.
V
DS
Drain-source voltage
60
60
V
The device is intended for use in
I
D
Drain current (DC)
20
18
A
Switched Mode Power Supplies
P
tot
Total power dissipation
30
30
W
(SMPS), motor control, welding,
T
j
Junction temperature
150
150
˚C
DC/DC and AC/DC converters, and
R
DS(ON)
Drain-source on-state
0.042
0.055
in automotive and general purpose
resistance;
V
GS = 5 V
switching applications.
PINNING - SOT186
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
60
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-60
V
±V
GS
Gate-source voltage
-
-
15
V
±V
GSM
Non-repetitive gate-source voltage t
p ≤ 50 µs
-
20
V
-60A
-60B
I
D
Drain current (DC)
T
hs =
25 ˚C
-
20
18
A
I
D
Drain current (DC)
T
hs = 100 ˚C
-
13
11
A
I
DM
Drain current (pulse peak value)
T
hs =
25 ˚C
-
80
72
A
P
tot
Total power dissipation
T
hs =
25 ˚C
-
30
W
T
stg
Storage temperature
-
- 55
150
˚C
T
j
Junction Temperature
-
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink compound
-
-
4.17
K/W
heatsink
R
th j-a
Thermal resistance junction to
-
55
-
K/W
ambient
12 3
case
d
g
s
April 1993
1
Rev 1.100


Número de pieza similar - BUK545-60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK545-60B ISC-BUK545-60B Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - BUK545-60B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com