Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3007D1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3007D1
Descripción Electrónicos  6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3007D1 Datasheet(HTML) 2 Page - Texas Instruments

  TPA3007D1 Datasheet HTML 1Page - Texas Instruments TPA3007D1 Datasheet HTML 2Page - Texas Instruments TPA3007D1 Datasheet HTML 3Page - Texas Instruments TPA3007D1 Datasheet HTML 4Page - Texas Instruments TPA3007D1 Datasheet HTML 5Page - Texas Instruments TPA3007D1 Datasheet HTML 6Page - Texas Instruments TPA3007D1 Datasheet HTML 7Page - Texas Instruments TPA3007D1 Datasheet HTML 8Page - Texas Instruments TPA3007D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
INN
INP
GAIN0
GAIN1
SHUTDOWN
PGND
VCLAMP
BSN
PVCC
OUTN
OUTN
PGND
VCC
VREF
BYPASS
COSC
ROSC
AGND
AGND
BSP
PVCC
OUTP
OUTP
PGND
TPA3007D1
SLOS418A – SEPTEMBER 2003 – REVISED DECEMBER 2004
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
TSSOP (PW)(1)
-40
°C to 85°C
TPA3007D1PW
(1)
The PW package is available taped and reeled. To order a taped and reeled part, add the suffix R to the part number (e.g.,
TPA3007D1PWR).
PW PACKAGE
(TOP VIEW)
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
18, 19
Analog ground terminal
Bootstrap terminal for high-side gate drive of negative BTL output (connect a 0.22-µF
BSN
8
I
capacitor with a 51-
Ω resistor in series from OUTN to BSN)
Bootstrap terminal for high-side gate drive of positive BTL output (connect a 0.22-µF
BSP
17
I
capacitor with a 51-
Ω resistor in series from OUTP to BSP)
BYPASS
22
I
Connect 1-µF capacitor to ground for BYPASS voltage filtering
COSC
21
I
Connect a 220-pF capacitor to ground to set oscillation frequency
GAIN0
3
I
Bit 0 of gain control (see Table 2 for gain settings)
GAIN1
4
I
Bit 1 of gain control (see Table 2 for gain settings)
INN
1
I
Negative differential input
INP
2
I
Positive differential input
Negative BTL output, connect Schottky diode from PGND to OUTN for short-circuit
OUTN
10, 11
O
protection
OUTP
14, 15
O
Positive BTL output, connect Schottky diode from PGND to OUTP for short-circuit protection
PGND
6, 12, 13
Power ground
PVCC
9, 16
I
High-voltage power supply (for output stages)
ROSC
20
I
Connect 120 k
Ω resistor to ground to set oscillation frequency
SHUTDOWN
5
I
Shutdown terminal (active low), TTL compatible, 21-V compliant
VCC
24
I
Analog high-voltage power supply
VCLAMP
7
O
Connect 1-µF capacitor to ground to provide reference voltage for H-bridge gates
VREF
23
O
5-V internal regulator for control circuitry (connect a 0.1-µF to 1-µF capacitor to ground)
2


Número de pieza similar - TPA3007D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI-TPA3007D1PW Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PW TI1-TPA3007D1PW Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1PWG4 TI1-TPA3007D1PWG4 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3007D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI-TPA3007D1 Datasheet
279Kb / 20P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2107 EUTECH-EUA2107 Datasheet
176Kb / 1P
   6.5-W Mono Class-D Audio Power Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com