Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3008D2 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3008D2
Descripción Electrónicos  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3008D2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA3008D2 Datasheet HTML 2Page - Texas Instruments TPA3008D2 Datasheet HTML 3Page - Texas Instruments TPA3008D2 Datasheet HTML 4Page - Texas Instruments TPA3008D2 Datasheet HTML 5Page - Texas Instruments TPA3008D2 Datasheet HTML 6Page - Texas Instruments TPA3008D2 Datasheet HTML 7Page - Texas Instruments TPA3008D2 Datasheet HTML 8Page - Texas Instruments TPA3008D2 Datasheet HTML 9Page - Texas Instruments TPA3008D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
TPA3008D2
SLOS435A – MAY 2004 – REVISED JULY 2004
TERMINAL FUNCTIONS
PIN NAME
PIN NUMBER
I/O
DESCRIPTION
AGND
26, 30
-
Analog ground for digital/analog cells in core
AVCC
33
-
High-voltage analog power supply, not connected internally to PVCCR or PVCCL
5-V Regulated output for use by internal cells and GAIN0, GAIN1 pins only. Not
AVDD
29
O
specified for driving other external circuitry.
AVDDREF
7
O
5-V Reference output—connect to gain setting resistor or directly to GAIN0, GAIN1.
BSLN
13
-
Bootstrap I/O for left channel, negative high-side FET
BSLP
24
-
Bootstrap I/O for left channel, positive high-side FET
BSRN
48
-
Bootstrap I/O for right channel, negative high-side FET
BSRP
37
-
Bootstrap I/O for right channel, positive high-side FET
COSC
28
I/O
I/O for charge/discharging currents onto capacitor for ramp generator.
Short-circuit detect fault output.
FAULT = high, short-circuit detected.
FAULT
11
O
FAULT = low, normal operation.
Status is reset when power is cycled or SHUTDOWN is cycled.
GAIN0
9
I
Gain select least significant bit. TTL logic levels with compliance to AVDD.
GAIN1
10
I
Gain select most significant bit. TTL logic levels with compliance to AVDD.
LINN
6
I
Negative audio input for left channel
LINP
5
I
Positive audio input for left channel
LOUTN
16, 17
O
Class-D 1/2-H-bridge negative output for left channel
LOUTP
20, 21
O
Class-D 1/2-H-bridge positive output for left channel
8, 12, 31, 32,
NC
-
No internal connection
34, 35
PGNDL
18, 19
-
Power ground for left channel H-bridge
PGNDR
42, 43
-
Power ground for right channel H-bridge
Power supply for left channel H-bridge (internally connected to pins 22 and 23), not
PVCCL
14, 15
-
connected to PVCCR or AVCC.
Power supply for left channel H-bridge (internally connected to pins 14 and 15), not
PVCCL
22, 23
-
connected to PVCCR or AVCC.
Power supply for right channel H-bridge (internally connected to pins 46 and 47),
PVCCR
38, 39
-
not connected to PVCCL or AVCC.
Power supply for right channel H-bridge (internally connected to pins 38 and 39),
PVCCR
46, 47
-
not connected to PVCCL or AVCC.
RINP
3
I
Positive audio input for right channel
RINN
2
I
Negative audio input for right channel
ROSC
27
I/O
I/O current setting resistor for ramp generator.
ROUTN
44, 45
O
Class-D 1/2-H-bridge negative output for right channel
ROUTP
40, 41
O
Class-D 1/2-H-bridge positive output for right channel
Shutdown signal for IC (low = shutdown, high = operational). TTL logic levels with
SHUTDOWN
1
I
compliance to VCC.
VCLAMPL
25
-
Internally generated voltage supply for left channel bootstrap capacitors.
VCLAMPR
36
-
Internally generated voltage supply for right channel bootstrap capacitors.
V2P5
4
O
2.5-V Reference for analog cells.
Connect to AGND and PGND—should be the center point for both grounds. Internal
Thermal Pad
-
-
resistive connection to AGND.
6


Número de pieza similar - TPA3008D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHP TI-TPA3008D2PHP Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPR TI-TPA3008D2PHPR Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2PHPRG4 TI-TPA3008D2PHPRG4 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3008D2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com