Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3200D1 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPA3200D1
Descripción Electrónicos  20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3200D1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3200D1 Datasheet HTML 4Page - Texas Instruments TPA3200D1 Datasheet HTML 5Page - Texas Instruments TPA3200D1 Datasheet HTML 6Page - Texas Instruments TPA3200D1 Datasheet HTML 7Page - Texas Instruments TPA3200D1 Datasheet HTML 8Page - Texas Instruments TPA3200D1 Datasheet HTML 9Page - Texas Instruments TPA3200D1 Datasheet HTML 10Page - Texas Instruments TPA3200D1 Datasheet HTML 11Page - Texas Instruments TPA3200D1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
10
100m 200m
1
2
PO − Output Power − W
20 Hz
1 kHz
10 kHz
VCC = 12 V
RL = 8 W
Gain = 18 dB
fS = 48 kHz
24−bit, I2S format
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
10
100m 200m
1
2
PO − Output Power − W
20 Hz
1 kHz
10 kHz
VCC = 12 V
RL = 8 W
Gain = 23.6 dB
fS = 48 kHz
24−bit, I2S format
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
20
100m 200m
1
10
PO - Output Power - W
10 kHz
1 kHz
R = 4
,
L
Ù
Gain = 18 dB,
f = 48 kHz,
s
24-bit, I S format
2
V
= 12 V
CC
20 Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10m
20
100m 200m
1
10
2
PO − Output Power − W
20 Hz
1 kHz
10 kHz
VCC = 18 V
RL = 8 W
Gain = 23.6 dB
fS = 48 kHz
24−bit, I2S format
TPA3200D1
SLOS442A – MAY 2005 – REVISED JULY 2005
Total Harmonic Distortion Plus Noise
Total Harmonic Distortion Plus Noise
vs
vs
Output Power
Output Power
Figure 1.
Figure 2.
Harmonic Distortion Plus Noise
Total Harmonic Distortion
vs
vs
Output Power
Power
Figure 3.
Figure 4.
8


Número de pieza similar - TPA3200D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCP TI-TPA3200D1DCP Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1DCPR TI-TPA3200D1DCPR Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results

Descripción similar - TPA3200D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
Analog Devices
SSM2537ACBZ-RL AD-SSM2537ACBZ-RL Datasheet
331Kb / 16P
   PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
REV. 0
SSM2529 AD-SSM2529 Datasheet
811Kb / 52P
   Digital Input, Mono 2 W, Class-D Audio Power Amplifier
SSM2517 AD-SSM2517 Datasheet
429Kb / 16P
   PDM Digital Input, Mono 2.4 W Class-D Audio Amplifier
logo
Texas Instruments
TAS2770 TI1-TAS2770_18 Datasheet
2Mb / 92P
[Old version datasheet]   20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_15 Datasheet
768Kb / 30P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com