Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP701 Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TLP701
Descripción Electrónicos  Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP701
2006-01-17
7
I CCL -Ta
I CCH -Ta
-40 -20
0
20406080 100
0
2
4
6
8
10
-40 -20
0
20406080 100
0
2
4
6
8
10
Ambient Temperature Ta(°C)
Ambient Temperature Ta(
°C)
IOPL – Ta
IOPH – Ta
-40 -20
0
20406080 100
0
0.2
0.4
0.6
0.8
1
-40 -20
0
20
40
60
80 100
-1
-0.8
-0.6
-0.4
-0.2
0
Ambient Temperature Ta(°C)
Ambient Temperature Ta(°C)
tpHL,tp LH-Ta
-40 -20
0
20406080 100
0
100
200
300
400
500
Ambient Temperature Ta(°C)
*: The above graphs show typical characteristics.
V6-5=10.0V
V6-5=2.0V
IF=0mA,VCC=15V
(Note:9)
V8-6=10V
V8-6=4.0V
IF=5mA,VCC=15V
(Note:9)
tpHL
tpLH
IF=5mA,VCC=30V
Rg=47Ω,Cg=3nF
VCC=30V
I F=5mA
VCC=30V


Número de pieza similar - TLP701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701A TOSHIBA-TLP701A Datasheet
389Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results

Descripción similar - TLP701

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com