Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPA4861DG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
TPA4861DG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 23 page www.ti.com 0.5 0.3 0.2 0 0 0.5 PO − Output Power − W 0.1 0.4 VDD = 3.3 V 0.4 RL = 8 Ω RL = 16 Ω 0.1 0.2 0.3 160 40 20 0 0 0.25 1.5 0.5 0.75 1 PO − Maximum Output Power − W 1.25 80 60 120 100 140 RL = 16 Ω RL = 8 Ω 4 1.4 0.8 0.4 0 8 20 36 Load Resistance − Ω 12 16 24 28 32 1 0.6 0.2 VDD = 5 V VDD = 3.3 V AV = −2 V/V f = 1 kHz CB = 0.1 µF THD+N ≤ 1% 1.2 48 40 44 3 1.75 1 0.5 0 3.5 5 Supply Voltage − V 4 4.5 5.5 1.25 0.75 0.25 1.5 AV = −2 V/V f = 1 kHz CB = 0.1 µF THD+N ≤ 1% 2.5 2 RL = 8 Ω RL = 4 Ω RL = 16 Ω TPA4861 SLOS163C – SEPTEMBER 1996 – REVISED JUNE 2004 POWER DISSIPATION MAXIMUM OUTPUT POWER vs vs OUTPUT POWER FREE-AIR TEMPERATURE Figure 27. Figure 28. OUTPUT POWER OUTPUT POWER vs vs LOAD RESISTANCE SUPPLY VOLTAGE Figure 29. Figure 30. 11 |
Número de pieza similar - TPA4861DG4 |
|
Descripción similar - TPA4861DG4 |