Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5157H Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza CS5157H
Descripción Electrónicos  CPU 5?묪it Synchronous Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5157H Datasheet(HTML) 5 Page - ON Semiconductor

  CS5157H Datasheet HTML 1Page - ON Semiconductor CS5157H Datasheet HTML 2Page - ON Semiconductor CS5157H Datasheet HTML 3Page - ON Semiconductor CS5157H Datasheet HTML 4Page - ON Semiconductor CS5157H Datasheet HTML 5Page - ON Semiconductor CS5157H Datasheet HTML 6Page - ON Semiconductor CS5157H Datasheet HTML 7Page - ON Semiconductor CS5157H Datasheet HTML 8Page - ON Semiconductor CS5157H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS5157H
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0
°C < TA < +70°C; 0°C < TJ < +125°C; 8.0 V < VCC1 < 14 V; 5.0 V < VCC2 < 20 V;DAC Code:
VID4 = VID2 = VID1 = VID0 = 1; VID3 = 0; CVGATE(L) and CVGATE(H) = 1.0 nF; COFF = 330 pF; CSS = 0.1 mF, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Supply Current
ICC1
No Switching
8.5
13.5
mA
ICC2
No Switching
1.6
3.0
mA
Operating ICC1
VFB = COMP = VFFB
8.0
13
mA
Operating ICC2
VFB = COMP = VFFB
2.0
5.0
mA
COFF
Normal Charge Time
VFFB = 1.5 V; VSS = 5.0 V
1.0
1.6
2.2
ms
Extension Charge Time
VSS = VFFB = 0
5.0
8.0
11.0
ms
Discharge Current
COFF to 5.0 V; VFB > 1.0 V
5.0
mA
Time Out Timer
Time Out Time
VFB = VCOMP; VFFB = 2.0 V;
Record VGATE(H) Pulse High Duration
10
30
65
ms
Fault Mode Duty Cycle
VFFB = 0V
35
50
70
%
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
SOIC−16
1, 2, 3, 4, 6
VID0−VID4
Voltage ID DAC input pins. These pins are internally pulled up to 5.0 V providing logic ones if left
open. VID4 selects the DAC range. When VID4 is High (logic one), the DAC range is 2.10 V to
3.50 V with 100 mV increments. When VID4 is Low (logic zero), the DAC range is 1.30 V to
2.05 V with 50 mV increments. VID0 − VID4 select the desired DAC output voltage. Leaving all
5 DAC input pins open results in a DAC output voltage of 1.2440 V, allowing for adjustable output
voltage, using a traditional resistor divider.
5
SS
Soft−Start Pin. A capacitor from this pin to LGND in conjunction with internal 60
mA current
source provides Soft−Start function for the controller. This pin disables fault detect function
during Soft−Start. When a fault is detected, the Soft−Start capacitor is slowly discharged by
internal 2.0
mA current source setting the time out before trying to restart the IC.
Charge/discharge current ratio of 30 sets the duty cycle for the IC when the regulator output is
shorted.
7
COFF
A capacitor from this pin to ground sets the time duration for the on board one shot, which is
used for the constant off time architecture.
8
VFFB
Fast feedback connection to the PWM comparator. This pin is connected to the regulator output.
The inner feedback loop terminates on time.
9
VCC2
Boosted power for the high side gate driver.
10
VGATE(H)
High FET driver pin capable of 1.5 A peak switching current. Internal circuit prevents VGATE(H)
and VGATE(L) from being in high state simultaneously.
11
PGND
High current ground for the IC. The MOSFET driver is referenced to this pin. Input capacitor
ground and the source of lower FET should be tied to this pin.
12
VGATE(L)
Low FET driver pin capable of 1.5 A peak switching current.
13
VCC1
Input power for the IC and low side gate driver.
14
LGND
Signal ground for the IC. All control circuits are referenced to this pin.
15
COMP
Error amplifier compensation pin. A capacitor to ground should be provided externally to
compensate the amplifier.
16
VFB
Error amplifier DC feedback input. This is the master voltage feedback which sets the output
voltage. This pin can be connected directly to the output or a remote sense trace.


Número de pieza similar - CS5157H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS5157H CHERRY-CS5157H Datasheet
236Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
logo
ON Semiconductor
CS5157H ONSEMI-CS5157H Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5157HGD16 CHERRY-CS5157HGD16 Datasheet
236Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
CS5157HGDR16 CHERRY-CS5157HGDR16 Datasheet
236Kb / 14P
   CPU 5-Bit Synchronous Buck Controller
More results

Descripción similar - CS5157H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5165A ONSEMI-CS5165A Datasheet
497Kb / 18P
   5?묪it Synchronous CPU Buck Controller
October, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com