Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5157H Datasheet(PDF) 10 Page - ON Semiconductor |
|
CS5157H Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 16 page CS5157H http://onsemi.com 10 Short Circuit Protection A lossless hiccup mode short circuit protection feature is provided, requiring only the Soft−Start capacitor to implement. If a short circuit condition occurs (VFFB < 1.0 V), the VFFB low comparator sets the FAULT latch. This causes the MOSFET to shut off, disconnecting the regulator from it’s input voltage. The Soft−Start capacitor is then slowly discharged by a 2.0 mA current source until it reaches it’s lower 0.7 V threshold. The regulator will then attempt to restart normally, operating in it’s extended off time mode with a 50% duty cycle, while the Soft−Start capacitor is charged with a 60 mA charge current. If the short circuit condition persists, the regulator output will not achieve the 1.0 V low VFFB comparator threshold before the Soft−Start capacitor is charged to it’s upper 2.5 V threshold. If this happens the cycle will repeat itself until the short is removed. The Soft−Start charge/discharge current ratio sets the duty cycle for the pulses (2.0 mA/60 mA = 3.3%), while actual duty cycle is half that due to the extended off time mode (1.65%). This protection feature results in less stress to the regulator components, input power supply, and PC board traces than occurs with constant current limit protection (see Figures 12 and 13). If the short circuit condition is removed, output voltage will rise above the 1.0 V level, preventing the FAULT latch from being set, allowing normal operation to resume. Figure 12. CS5157H Demonstration Board Hiccup Mode Short Circuit Protection. Gate Pulses are Delivered While the Soft−Start Capacitor Charges, and Cease During Discharge M 25.0 ms Trace 3− Soft−Start Timing Capacitor (1.0 V/div.) Trace 4− 5.0 V Supply Voltage (2.0 V/div.) Trace 2− Inductor Switching Node (2.0 V/div.) Figure 13. Startup with Regulator Output Shorted M 50.0 ms Trace 4− 5.0 V from PC Power Supply (2.0 V/div.) Trace 2− Inductor Switching Node (2.0 V/div.) Overvoltage Protection Overvoltage protection (OVP) is provided as result of the normal operation of the V2 control topology and requires no additional external components. The control loop responds to an overvoltage condition within 100 ns, causing the top MOSFET to shut off, disconnecting the regulator from it’s input voltage. The bottom MOSFET is then activated, resulting in a “crowbar” action to clamp the output voltage and prevent damage to the load (see Figures 14 and 15 ). The regulator will remain in this state until the overvoltage condition ceases or the input voltage is pulled low. The bottom FET and board trace must be properly designed to implement the OVP function. Figure 14. OVP Response to an Input−to−Output Short Circuit by Immediately Providing 0% Duty Cycle, Crow−Barring the Input Voltage to Ground M 10.0 ms Trace 1− Regulator Output Voltage (1.0 V/div.) Trace 2− Inductor Switching Node (5.0 V/div.) Trace 4− 5.0 V from PC Power Supply (5.0 V/div.) |
Número de pieza similar - CS5157H |
|
Descripción similar - CS5157H |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |