Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5204-3GT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
CS5204-3GT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 9 page © Semiconductor Components Industries, LLC, 2006 September, 2006 − Rev. 9 1 Publication Order Number: CS5204−1/D CS5204−1, CS5204−3, CS5204−5 4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators The CS5204−x series of linear regulators provides 4.0 A at adjustable and fixed voltages with an accuracy of ±1.0% and ±2.0% respectively. The adjustable version uses two external resistors to set the output voltage within a 1.25 V to 13 V range. The regulators are intended for use as post regulators and microprocessor supplies. The fast loop response and low dropout voltage make these regulators ideal for applications where low voltage operation and good transient response are important. The circuit is designed to operate with dropout voltages as low as 1.0 V depending on the output current level. The maximum quiescent current is only 10 mA at full load. The regulators are fully protected against overload conditions with protection circuitry for Safe Operating Area (SOA), overcurrent and thermal shutdown. The regulators are available in TO−220−3 and surface mount D2PAK−3 packages. Features • Output Current to 4.0 A • Output Trimmed to ±1.0% • Dropout Voltage 1.10 V @ 4.0 A • Fast Transient Response • Fault Protection Circuitry − Thermal Shutdown − Overcurrent Protection − Safe Area Protection + − Thermal Shutdown Bandgap Output Current Limit Error Amplifier VOUT Adj VIN Figure 1. Block Diagram − CS5204−1 D2PAK−3 DP SUFFIX CASE 418AB TO−220−3 T SUFFIX CASE 221A Tab = VOUT Pin 1. Adj 2. VOUT 3. VIN 1 2 3 Adjustable Output Fixed Output Tab = VOUT Pin 1. GND 2. VOUT 3. VIN MARKING DIAGRAMS CS5204−X AWLYWW 1 CS5204−X AWLYWW 1 D2PAK−3 TO−220−3 A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week 12 3 http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet. ORDERING INFORMATION |
Número de pieza similar - CS5204-3GT3 |
|
Descripción similar - CS5204-3GT3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |