Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8120YD14 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CS8120YD14
Descripción Electrónicos  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120YD14 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8120YD14 Datasheet HTML 6Page - ON Semiconductor CS8120YD14 Datasheet HTML 7Page - ON Semiconductor CS8120YD14 Datasheet HTML 8Page - ON Semiconductor CS8120YD14 Datasheet HTML 9Page - ON Semiconductor CS8120YD14 Datasheet HTML 10Page - ON Semiconductor CS8120YD14 Datasheet HTML 11Page - ON Semiconductor CS8120YD14 Datasheet HTML 12Page - ON Semiconductor CS8120YD14 Datasheet HTML 13Page - ON Semiconductor CS8120YD14 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS8120
http://onsemi.com
10
ORDERING INFORMATION
Device
Description
Shipping
CS8120YT5
TO−220−5
50 Units/Rail
CS8120YTVA5
TO−220−5
50 Units/Rail
CS8120YTHA5
TO−220−5 HORIZONTAL
50 Units/Rail
CS8120YN8
DIP−8
50 Units/Rail
CS8120YDP5
D2PAK−5
50 Units/Rail
CS8120YDPR5
D2PAK−5
750 Tape & Reel
CS8120YD14
SO−14
55 Units/Rail
CS8120YDR14
SO−14
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
TO−220−5
T SUFFIX
CASE 314D
CS8120
AWLYWW
1
TO−220−5
TVA SUFFIX
CASE 314K
CS8120
AWLYWW
1
TO−220−5
THA SUFFIX
CASE 314A
CS8120
AWLYWW
1
1
8
CS8120
AWL
YYWW
DIP−8
N SUFFIX
CASE 626
CS8120
AWLYWW
1
D2PAK−5
DP SUFFIX
CASE 936F
SO−14
D SUFFIX
CASE 751A
1
CS8120
AWLYWW
14


Número de pieza similar - CS8120YD14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS8120YD14 CHERRY-CS8120YD14 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results

Descripción similar - CS8120YD14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com