Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC212B Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BC212B
Descripción Electrónicos  Amplifier Transistors PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC212B Datasheet(HTML) 1 Page - ON Semiconductor

  BC212B Datasheet HTML 1Page - ON Semiconductor BC212B Datasheet HTML 2Page - ON Semiconductor BC212B Datasheet HTML 3Page - ON Semiconductor BC212B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
BC212B/D
BC212B
Amplifier Transistors
PNP Silicon
Features
These are Pb−Free Devices*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
−50
Vdc
Collector-Base Voltage
VCBO
−60
Vdc
Emitter-Base Voltage
VEBO
−5.0
Vdc
Collector Current − Continuous
IC
−100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
357
°C/W
Thermal Resistance, Junction−to−Case
RqJC
125
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
COLLECTOR
1
2
BASE
3
EMITTER
Device
Package
Shipping
ORDERING INFORMATION
BC212BG
TO−92
(Pb−Free)
5000 Units / Bulk
BC212BRL1G
TO−92
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 17
MARKING DIAGRAM
BC
212B
AYWW
G
G
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Número de pieza similar - BC212B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC212B MOTOROLA-BC212B Datasheet
107Kb / 4P
   Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212B FAIRCHILD-BC212B Datasheet
28Kb / 4P
   PNP General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
BC212B SECOS-BC212B Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
List of Unclassifed Man...
BC212B ETC2-BC212B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Central Semiconductor C...
BC212B CENTRAL-BC212B Datasheet
138Kb / 3P
   SILICON PNP TRANSISTORS
19-May 2017
More results

Descripción similar - BC212B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com