Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS52015-1GSTR3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CS52015-1GSTR3
Descripción Electrónicos  1.5 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52015-1GSTR3 Datasheet(HTML) 3 Page - ON Semiconductor

  CS52015-1GSTR3 Datasheet HTML 1Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 2Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 3Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 4Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 5Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 6Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 7Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 8Page - ON Semiconductor CS52015-1GSTR3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CS52015−1
http://onsemi.com
3
Figure 2. Block Diagram
+
Thermal
Shutdown
Bandgap
Output
Current
Limit
Error
Amplifier
VOUT
Adj
VIN
TYPICAL PERFORMANCE CHARACTERISTICS
TJ (°C)
Figure 3. Dropout Voltage vs. Output
Current
Figure 4. Reference Voltage vs.
Temperature
Output Current (A)
VIN − VOUT (V)
Figure 5. Load Regulation vs. Output
Current
Figure 6. Minimum Load Current vs.
VIN − VOUT
0.10
10
0.65
0.100
2
0
0.08
0.06
0.04
0.02
0.00
−0.02
−0.04
−0.06
−0.08
−0.10
−0.12
0
20 30 40 50 60 70 80 90 100 110 120 130
0.075
0.050
0.025
0.000
12
0.60
0.55
0.50
0.45
0.40
13
4
5
6
7
TCASE = 0°C
TCASE = 125°C
TCASE = 25°C
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C
CIN = COUT = 22 mF Tantalum
0
IOUT (mA)
1.05
1.00
0.95
0.90
0.85
0.80
0.75
300
600
900
1200
1500
TCASE = 0°C
TCASE = 25°C
TCASE = 125°C


Número de pieza similar - CS52015-1GSTR3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS52015-1GSTR3 CHERRY-CS52015-1GSTR3 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
More results

Descripción similar - CS52015-1GSTR3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Texas Instruments
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com