Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN1001M5 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FIN1001M5
Descripción Electrónicos  3.3V LVDS 1-Bit High Speed Differential Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1001M5 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1001M5 Datasheet HTML 1Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 2Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 3Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 4Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 5Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 6Page - Fairchild Semiconductor FIN1001M5 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (DIN)
−0.5V to +6V
DC Output Voltage (DOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 7500V
ESD (Machine Model)
≥ 400V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VOD
Output Differential Voltage
RL = 100 Ω, See Figure 1
250
350
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
VOS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOFF
Power-Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
±20
µA
IOS
Short Circuit Output Current
VOUT = 0V
−5.5
−8
mA
VOD = 0V
±4
±8
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
−0.8
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC
4.5
8
mA
RL = 100 Ω, VIN = 0V or VCC
6.5
10
CIN
Input Capacitance
VCC = 3.3V
3.2
pF
COUT
Output Capacitance
VCC = 0V
3.3
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
tPLHD
Differential Propagation Delay
0.50.981.5
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.50.931.5
ns
HIGH-to-LOW
RL = 100 Ω, CL = 10pF,
tTLHD
Differential Output Rise Time (20% to 80%) See Figure 2 and Figure 3
0.4
0.5
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
0.4
0.5
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.05
0.5
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns


Número de pieza similar - FIN1001M5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN1001M5 FAIRCHILD-FIN1001M5 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001M5X FAIRCHILD-FIN1001M5X Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001M5X ONSEMI-FIN1001M5X Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
More results

Descripción similar - FIN1001M5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com