Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN324CGFX Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FIN324CGFX
Descripción Electrónicos  24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324CGFX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FIN324CGFX Datasheet HTML 1Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN324CGFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.0.5
5
Pin Assignments
42 FBGA Package
3.5mm x 4.5mm
(.5mm Pitch)
(Top View)
Pin Assignments
1
2
3
4
5
6
1234
56
A
A
R/W
{SDAT}
CNTL[4]
CNTL[2]
STRB0
(WCLK0)
DP[17]
DP[16]
B
B
CKSEL
(H)
{SCLK}
CNTL[5]
CNTL[3]
STRB1
(WCLK1)
DP[15]
DP[14]
C
C
GND
VDDP
CNTL[1]
CNTL[0]
DP[13]
DP[12]
DD
CKS+
(DS+)
GND
M/S
DP[11]
DP[9]
DP[10]
E
E
CKS-
(DS-)
VDDS
GND
DP[2]
DP[7]
({SDAT})
DP[8]
FF
DS-
(CKS-)
VDDA
PAR/SPI
DP[0]
DP[4]
DP[6]
({SCLK})
GG
DS+
(CKS+)
/RES
/STBY
(SLEW)
DP[1]
DP[3]
DP[5]
Figure 2.
BGA Pin Assignments
1
2
3
4
5
6
7
8
9
10
CKSEL(H)
CKS+(DS+)
CKS-(DS-)
VDDS
VDDA
DS-(CKS-)
DS+(CKS+)
/RES
PAR/SPI
M/S
30
29
28
27
26
25
24
23
22
21
DP[16]
DP[15]
DP[14]
DP[13]
DP[12]
VDDP
DP[11]
DP[10]
DP[9]
DP[8]
Ground Pad
Figure 3.
MLP Pin Assignments (40 Pins, 6x6mm, .5mm Pitch, Top View)


Número de pieza similar - FIN324CGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results

Descripción similar - FIN324CGFX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com