Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74CBT3384ADWE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza SN74CBT3384ADWE4
Descripción Electrónicos  10-BIT FET BUS SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3384ADWE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3384ADWE4 Datasheet HTML 1Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 2Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 3Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 4Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 5Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 6Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 7Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 8Page - Texas Instruments SN74CBT3384ADWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74CBT3384A
10BIT FET BUS SWITCH
SCDS004L − NOVEMBER 1992 − REVISED JANUARY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
description/ordering information
The
SN74CBT3384A
provides
ten
bits
of
high-speed TTL-compatible bus switching. The
low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device is organized as two 5-bit switches with
separate output-enable (OE) inputs. When OE is
low, the switch is on, and port A is connected to
port B. When OE is high, the switch is open, and
the high-impedance state exists between the two
ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − DW
Tube
SN74CBT3384ADW
CBT3384A
SOIC − DW
Tape and reel
SN74CBT3384ADWR
CBT3384A
SSOP − DB
Tape and reel
SN74CBT3384ADBR
CU384A
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3384ADBQR
CBT3384A
−40 C to 85 C
TSSOP − PW
Tube
SN74CBT3384APW
CU384A
TSSOP − PW
Tape and reel
SN74CBT3384APWR
CU384A
TVSOP − DGV
Tape and reel
SN74CBT3384ADGVR
CU384A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
(each 5-bit bus switch)
INPUTS
INPUTS/OUTPUTS
1OE
2OE
1B1−1B5
2B1−2B5
L
L
1A1−1A5
2A1−2A5
L
H
1A1−1A5
Z
H
LZ
2A1−2A5
H
H
Z
Z
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
1OE
1B1
1A1
1A2
1B2
1B3
1A3
1A4
1B4
1B5
1A5
GND
VCC
2B5
2A5
2A4
2B4
2B3
2A3
2A2
2B2
2B1
2A1
2OE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Número de pieza similar - SN74CBT3384ADWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3384ADWE4 TI-SN74CBT3384ADWE4 Datasheet
305Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384ADWE4 TI-SN74CBT3384ADWE4 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
More results

Descripción similar - SN74CBT3384ADWE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A Datasheet
65Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CB3Q3384A TI-SN74CB3Q3384A Datasheet
179Kb / 10P
[Old version datasheet]   10 BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384ADGVR TI-SN74CBT3384ADGVR Datasheet
305Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3384A RENESAS-HD74CBT3384A Datasheet
228Kb / 12P
   10-bit FET Bus Switch
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com