Nombre de pieza
         Descripción
HCPL-0700_05

 LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS ( 12 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 2 page
background image
6/15/05
Page 2 of 12
© 2005 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-40 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Reflow Temperature Profile (Refer to fig. 11)
EMITTER
DC/Average Forward Input Current
IF (avg)
20
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
IF (pk)
40
mA
Peak Transient Input Current - (
≤1 µs P.W., 300 pps)
IF (trans)
1.0
A
Reverse Input Voltage
VR
5V
Input Power Dissipation
PD
35
mW
DETECTOR
Average Output Current (Pin 6)
IO (avg)
60
mA
Emitter-Base Reverse Voltage
HCPL-0700/HCPL-0701
VEBR
0.5
V
Supply Voltage, Output Voltage
HCPL-0700/HCPL-0730
VCC, VO
-0.5 to 7
V
HCPL-0701/HCPL-0731
-0.5 to 18
Output power dissipation
PD
100
mW
ELECTRICAL CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
IF = 1.6mA
TA = 25°C
VF
HCLP-0700/01
1.0
1.25
1.7
V
Input Forward Voltage
HCLP-0730/31
1.35
All
1.75
Input Reverse Breakdown
Voltage
(TA =25°C, IR = 10 µA)
BVR
All
5.0
DETECTOR
Logic high output
current
(IF = 0 mA, VO = VCC = 18 V)
IOH
HCPL-0701/31
0.01
100
µA
(IF = 0 mA, VO = VCC = 7 V)
HCPL-0700/30
0.01
250
Logic Low Supply
Current
IF = 1.6 mA, VO = Open, VCC = 18V
ICCL
HCPL-0700/01
0.4
1.5
mA
IF1 = IF2 = 1.6mA
VCC = 7V
HCPL-0730
0.8
3
VO1 = VO2 = Open VCC = 18 V
HCPL-0731
1
Logic High
Supply Current
IF = 0 mA, VO = Open, VCC = 18V
ICCH
HCPL-0700/01
10
µA
IF1 = IF2 = 0,
VCC = 7V
HCPL-0730
0.001
20
VO1 = VO2 = Open, VCC = 18 V
HCPL-0731
0.01
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HCPL-0700LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
6N138_06Low Input Current High Gain Split Darlington Optocouplers 1 2 3 4 5 MoreFairchild Semiconductor
PS2815-1LOW AC INPUT CURRENT HIGH CTR 4 16-PIN SSOP PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
PS2503-1LOW INPUT CURRENT HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreNEC
PS2811-1LOW INPUT CURRENT HIGH CTR 4 16-PIN SSOP PHOTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
STN888HIGH CURRENT HIGH PERFORMANCE LOW VOLTAGE PNP TRANSISTOR 1 2 3 4 5 MoreSTMicroelectronics
MC100EP16VB3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1 2 3 4 5 MoreON Semiconductor
STX790A_06Medium Current High Performance Low Voltage PNP Transistor 1 2 3 4 5 MoreSTMicroelectronics
IS204XLOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl