Nombre de pieza
         Descripción
LM211_05

 Single Comparators ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 6 page
background image
LM211, LM311
http://onsemi.com
6
8
8
Figure 15. Power Supply Current
versus Temperature
APPLICATIONS INFORMATION
Figure 16. Improved Method of Adding
Hysteresis Without Applying Positive
Feedback to the Inputs
Figure 17. Conventional Technique
for Adding Hysteresis
TA, TEMPERATURE (°C)
2.2
1.8
1.4
1.0
−55
−25
0
25
50
75
100
125
Positive and Negative Supply − Output High
Postive Supply − Output Low
+15 V
82
3.0 k
33 k
5.0 k
C1
0.002
mF
6
2
R1
R2
C2
Input
34
1
7
−15 V
5
4.7 k
LM311
0.1
mF
Output
+
0.1
mF
+15 V
3.0 k
5.0 k
C1
6
3
R1
R2
C2
Input
24
1
7
−15 V
5
4.7 k
LM311
0.1
mF
Output
+
0.1
mF
510 k
1.0 M
100
100
3.0
2.6
VCC = +15 V
VEE = −15 V
Figure 18. Zero−Crossing Detector
Driving CMOS Logic
Figure 19. Relay Driver with Strobe Capability
VCC = +15 V
3.0 k
10 k
VCC
5.0 k
LM311
Inputs
VEE
VEE = −15 V
Output
to CMOS Logic
Balance
Adjust
Balance
Input
GND
*D1
VCC2
VCC1
VEE
VEE
VCC
Output
Inputs
LM311
GND
1.0k
Q1
Balance/Strobe
2N2222 or
Equivalent
*Zener Diode D1
protects the comparator
from inductive kickback
and voltage transients
on the VCC2 supply line.
TTL
Strobe
+
+
1  2  3  4  5  6  7  8  9  10 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
NCV2901Single Supply Quad Comparators 1 2 3 4 5 MoreON Semiconductor
TLV7211CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT 1 2 3 4 5 MoreTexas Instruments
1202C200 V - 1 000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
ADN2928XFP Single Chip Transceiver IC 1 2 3 4 5 MoreAnalog Devices
NTD4815NHPower MOSFET 30 V 35 A Single N-Channel DPAK/IPAK 1 2 3 4 5 MoreON Semiconductor
STV223XDI2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1 2 3 4 5 MoreSTMicroelectronics
TA22Single Value Chip Resistor 1 2 3 Vishay Siliconix
L6726ASingle phase PWM controller 1 2 3 4 5 MoreSTMicroelectronics
6723LAN 10 BASE-T / 100 BASE-T Single TX Transformer 1 Filtran LTD
SN74LVC1G79SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP 1 2 3 4 5 MoreTexas Instruments

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl