Nombre de pieza
         Descripción
LM301A

 Non Compensated Single Operational Amplifiers ( 8 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
4
C1 = 3.0 pF
C1 = 30 pF
Single−Pole Compensation
Figure 4. Minimum Input Voltage Range
Figure 5. Minimum Output Voltage Swing
Figure 6. Minimum Voltage Gain
Figure 7. Typical Supply Currents
Figure 8. Open Loop Frequency Response
Figure 9. Large Signal Frequency Response
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
VCC, ( −VEE), SUPPLY VOLTAGE (V)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
Phase
Gain
C1 = 3.0 pF
C1 = 30 pF
20
16
12
8.0
4.0
0
0
5.0
10
15
20
20
16
12
8.0
4.0
0
0
5.0
10
15
20
0
5.0
10
15
20
0
5.0
10
15
20
100
94
88
82
76
70
2.5
2.0
1.5
1.0
0.5
0
1.0 k
10 k
100 k
1.0 M
10 M
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
315
270
225
180
135
90
45
0
180
160
140
120
100
80
60
40
20
0
−20
15
10
5.0
0
Minimum
RL = 10 k
Minimum
RL = 2.0 k
TA = +25°C
Single−Pole Compensation
Negative
Positive
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
Applicable to the Specified
Operating Temperature
Ranges
LM201A
only
LM201A
only
LM201A
only
LM201A
only
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AN1741Single Operational Amplifiers 1 2 3 4 Panasonic Semiconductor
TLC080FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC070FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown Corporation
ADTL082Low Cost JFET Input Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
TSV911Rail-to-rail input/output 8MHz operational amplifiers 1 2 3 4 5 MoreSTMicroelectronics
OPA237SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier™ Series 1 2 3 4 5 MoreTexas Instruments
TLV255XADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LF355BSeries Monolithic JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor
LM324QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 HTC Korea TAEJIN Technology Co.

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl