Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM317MABT Datasheet(PDF) 10 Page - ON Semiconductor |
|
LM317MABT Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 13 page LM317M http://onsemi.com 10 ORDERING INFORMATION Device Output Voltage Tolerance Operating Temperature Range Package Shipping† LM317MABDT 2% TJ = −40°C to 125°C DPAK 75 Units / Rail LM317MABDTG DPAK (Pb−Free) 75 Units / Rail LM317MABDTRK DPAK 2500 / Tape & Reel LM317MABDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MABT TO−220 50 Units / Rail LM317MABTG TO−220 (Pb−Free) 50 Units / Rail LM317MADTRK TJ = 0°C to 125°C DPAK 2500 / Tape & Reel LM317MADTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MBDT 4% TJ = −40°C to 125°C DPAK 75 Units / Rail LM317MBDTG DPAK (Pb−Free) 75 Units / Rail LM317MBDTRK DPAK 2500 / Tape & Reel LM317MBDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MBSTT3 SOT−223 4000 / Tape & Reel LM317MBSTT3G SOT−223 (Pb−Free) 4000 / Tape & Reel LM317MBT TO−220 50 Units / Rail LM317MBTG TO−220 (Pb−Free) 50 Units / Rail LM317MDT TJ = 0°C to 125°C DPAK 75 Units / Rail LM317MDTG DPAK (Pb−Free) 75 Units / Rail LM317MDTRK DPAK 2500 / Tape & Reel LM317MDTRKG DPAK (Pb−Free) 2500 / Tape & Reel LM317MSTT3 SOT−223 4000 / Tape & Reel LM317MSTT3G SOT−223 (Pb−Free) 4000 / Tape & Reel LM317MT TO−220 50 Units / Rail LM317MTG TO−220 (Pb−Free) 50 Units / Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. |
Número de pieza similar - LM317MABT |
|
Descripción similar - LM317MABT |