Nombre de pieza
         Descripción
LM317T

 1.5 A Adjustable Output, Positive Voltage Regulator ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 6 page
background image
LM317, NCV317
http://onsemi.com
6
Figure 13. Ripple Rejection versus Output
Voltage
Figure 14. Ripple Rejection versus
Output Current
Figure 15. Ripple Rejection versus Frequency
Figure 16. Output Impedance
Figure 17. Line Transient Response
Figure 18. Load Transient Response
CL = 1.0 mF;
CAdj = 10 mF
Vin
CL = 1.0 mF;
CAdj = 10 mF
IL
Vin − Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
Vin = 15 V
Vout = 10 V
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
Without CAdj
IL = 500 mA
Vin = 15 V
Vout = 10 V
TJ = 25°C
CAdj = 10 mF
Vin = 15 V
Vout = 10 V
IL = 500 mA
TJ = 25°C
CAdj = 10 mF
Without CAdj
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
1.0
0.5
0
3.0
2.0
1.0
0
−1.0
−2.0
−3.0
1.5
1.0
0.5
0
100
80
60
40
20
0
120
100
80
60
40
20
0
100
80
60
40
20
0
101
100
10−1
10−2
10−3
010
20
30
40
t, TIME (
ms)
010
20
30
40
0
5.0
10
15
20
25
30
35
Vout, OUTPUT VOLTAGE (V)
0.01
0.1
1.0
10
IO, OUTPUT CURRENT (A)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
t, TIME (
ms)
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
Vout = 10 V
IL = 50 mA
TJ = 25°C
CL = 0;
Without CAdj
CL = 0;
Without CAdj
1  2  3  4  5  6  7  8  9  10  11  12 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LT103810Amp Positive Adjustable Voltage Regulator 1 2 3 4 5 MoreLinear Technology
NCP15211.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
NCP90011.5 MHz 600 mA High−Efficiency Low Quiescent Current Adjustable Output Voltage Step−Down Converter 1 2 3 4 5 MoreON Semiconductor
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
DS15BA1011.5 Gbps Differential Buffer with Adjustable Output Voltage Coming SoonNational Semiconductor
MC78LXXA3-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl