Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317LZRAG Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LM317LZRAG
Descripción Electrónicos  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LZRAG Datasheet(HTML) 3 Page - ON Semiconductor

  LM317LZRAG Datasheet HTML 1Page - ON Semiconductor LM317LZRAG Datasheet HTML 2Page - ON Semiconductor LM317LZRAG Datasheet HTML 3Page - ON Semiconductor LM317LZRAG Datasheet HTML 4Page - ON Semiconductor LM317LZRAG Datasheet HTML 5Page - ON Semiconductor LM317LZRAG Datasheet HTML 6Page - ON Semiconductor LM317LZRAG Datasheet HTML 7Page - ON Semiconductor LM317LZRAG Datasheet HTML 8Page - ON Semiconductor LM317LZRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM317L
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI−VO = 5.0 V; IO = 40 mA; TJ = Tlow to Thigh (Note 1); Imax and Pmax (Note 2);
unless otherwise noted.)
LM317L, LB
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3)
TA = 25°C, 3.0 V ≤ VI − VO ≤ 40 V
1
Regline
0.01
0.04
%/V
Load Regulation (Note 3), TA = 25°C
10 mA
≤ IO ≤ Imax − LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
3
IAdj
50
100
mA
Adjustment Pin Current Change
2.5 V
≤ VI − VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax − LM317L
1, 2
DIAdj
0.2
5.0
mA
Reference Voltage
3.0 V
≤ VI − VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax − LM317L
3
Vref
1.20
1.25
1.30
V
Line Regulation (Note 3), 3.0 V
≤ VI − VO ≤ 40 V
1
Regline
0.02
0.07
%/V
Load Regulation (Note 3)
10 mA
≤ IO ≤ Imax − LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
0.7
% VO
Minimum Load Current to Maintain Regulation (VI − VO = 40 V)
3
ILmin
3.5
10
mA
Maximum Output Current
VI − VO ≤ 6.25 V, PD ≤ Pmax, Z Package
VI − VO ≤ 40 V, PD ≤ Pmax, TA = 25°C, Z Package
3
Imax
100
200
20
mA
RMS Noise, % of VO
TA = 25°C, 10 Hz ≤ f ≤ 10 kHz
N
0.00
3
% VO
Ripple Rejection (Note 4)
VO = 1.2 V, f = 120 Hz
CAdj = 10 mF, VO = 10.0 V
4
RR
60
80
80
dB
Long Term Stability, TJ = Thigh (Note 5)
TA = 25°C for Endpoint Measurements
3
S
0.3
1.0
%/1.0 k
Hrs.
3. Tlow to Thigh = 0° to +125°C for LM317L
−40
° to +125°C for LM317LB
4. Imax = 100 mA
Pmax = 625 mW
5. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
6. CAdj, when used, is connected between the adjustment pin and ground.
7. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.


Número de pieza similar - LM317LZRAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM317LZRAG ONSEMI-LM317LZRAG Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LZRAG ONSEMI-LM317LZRAG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Descripción similar - LM317LZRAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com