Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FST3251D Datasheet(PDF) 2 Page - ON Semiconductor |
|
74FST3251D Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 7 page 74FST3251 http://onsemi.com 2 SW SW SW SW SW SW SW B1 B2 B3 B4 B5 B6 B7 B8 4 3 2 1 15 14 13 12 A S0 S1 S2 OE 11 10 9 7 5 Figure 2. Logic Diagram ORDERING INFORMATION Device Order Number Package Shipping† 74FST3251D SOIC−16 48 Units / Rail 74FST3251DR2 SOIC−16 1000 Units / Tape & Reel 74FST3251DT TSSOP−16* (Pb−Free) 96 Units / Rail 74FST3251DTR2 TSSOP−16* (Pb−Free) 2500 Units / Tape & Reel 74FST3251QS QSOP−16 96 Units / Rail 74FST3251QSR QSOP−16 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
Número de pieza similar - 74FST3251D |
|
Descripción similar - 74FST3251D |