Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BC556B Datasheet(PDF) 3 Page - ON Semiconductor |
|
BC556B Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 7 page BC556B, BC557A, B, C, BC558B, C http://onsemi.com 3 BC557/BC558 Figure 1. Normalized DC Current Gain IC, COLLECTOR CURRENT (mAdc) 2.0 Figure 2. “Saturation” and “On” Voltages IC, COLLECTOR CURRENT (mAdc) −0.2 0.2 Figure 3. Collector Saturation Region IB, BASE CURRENT (mA) Figure 4. Base−Emitter Temperature Coefficient IC, COLLECTOR CURRENT (mA) −0.6 −0.7 −0.8 −0.9 −1.0 −0.5 0 −0.2 −0.4 −0.1 −0.3 1.6 1.2 2.0 2.8 2.4 −1.2 −1.6 −2.0 −0.02 −1.0 −10 0 −20 −0.1 −0.4 −0.8 1.5 1.0 0.7 0.5 0.3 −0.2 −10 −100 −1.0 TA = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE(on) @ VCE = −10 V VCE = −10 V TA = 25°C −55°C to +125°C IC = −100 mA IC = −20 mA −0.5 −1.0 −2.0 −5.0 −10 −20 −50 −100 −200 −0.1 −0.2 −0.5 −1.0 −2.0 −5.0 −10 −20 −50 −100 IC = −200 mA IC = −50 mA IC = −10 mA Figure 5. Capacitances VR, REVERSE VOLTAGE (VOLTS) 10 Figure 6. Current−Gain − Bandwidth Product IC, COLLECTOR CURRENT (mAdc) −0.4 1.0 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 −0.5 TA = 25°C Cob Cib −0.6 −1.0 −2.0 −4.0 −6.0 −10 −20 −30 −40 150 −1.0 −2.0 −3.0 −5.0 −10 −20 −30 −50 VCE = −10 V TA = 25°C TA = 25°C 1.0 |
Número de pieza similar - BC556B |
|
Descripción similar - BC556B |