Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF245A Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza BF245A
Descripción Electrónicos  JFET VHF/UHF Amplifiers N-Channel - Depletion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF245A Datasheet(HTML) 5 Page - ON Semiconductor

  BF245A Datasheet HTML 1Page - ON Semiconductor BF245A Datasheet HTML 2Page - ON Semiconductor BF245A Datasheet HTML 3Page - ON Semiconductor BF245A Datasheet HTML 4Page - ON Semiconductor BF245A Datasheet HTML 5Page - ON Semiconductor BF245A Datasheet HTML 6Page - ON Semiconductor BF245A Datasheet HTML 7Page - ON Semiconductor BF245A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF245A BF245B
http://onsemi.com
5
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
32
31
30
29
28
27
26
25
24
23
22
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
32
31
30
29
28
27
26
25
24
23
22
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
Figure 13. S11g
Figure 14. S12g
Figure 15. S21g
Figure 16. S22g
0.7
0.6
0.5
0.4
0.3
0.04
0.5
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.03
0.02
0.01
0.0
0.01
0.02
0.03
0.04
0.1
900
900
800
700
600
500
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100 200
300
400
500
600
700
800
900
900
600
700
800
ID = 0.25 IDSS
ID = IDSS
100
900
100
900
ID = 0.25 IDSS
ID = IDSS
1.5
100
400
500
600
700
800
900
ID = IDSS, 0.25 IDSS
COMMON GATE CHARACTERISTICS
S–PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)


Número de pieza similar - BF245A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BF245A PHILIPS-BF245A Datasheet
97Kb / 11P
   N-channel silicon field-effect transistors
1996 Jul 30
logo
Siemens Semiconductor G...
BF245A SIEMENS-BF245A Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
logo
Fairchild Semiconductor
BF245A FAIRCHILD-BF245A Datasheet
22Kb / 3P
   N-Channel Amplifiers
BF245A FAIRCHILD-BF245A Datasheet
24Kb / 3P
   N-Channel Amplifiers
logo
National Semiconductor ...
BF245A NSC-BF245A Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
More results

Descripción similar - BF245A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
logo
Motorola, Inc
BFW10 MOTOROLA-BFW10 Datasheet
71Kb / 2P
   VHF/UHF Amplifier(N-Channel, Depletion)
BF256 MOTOROLA-BF256 Datasheet
36Kb / 1P
   VHF/UHF Amplifier(N-Channel, Depletion)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com