Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU323Z Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BU323Z
Descripción Electrónicos  NPN Silicon Power Darlington High Voltage Autoprotected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BU323Z Datasheet(HTML) 1 Page - ON Semiconductor

  BU323Z_06 Datasheet HTML 1Page - ON Semiconductor BU323Z_06 Datasheet HTML 2Page - ON Semiconductor BU323Z_06 Datasheet HTML 3Page - ON Semiconductor BU323Z_06 Datasheet HTML 4Page - ON Semiconductor BU323Z_06 Datasheet HTML 5Page - ON Semiconductor BU323Z_06 Datasheet HTML 6Page - ON Semiconductor BU323Z_06 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NPN Silicon Power Darlington
High Voltage Autoprotected
The BU323Z is a planar, monolithic, high−voltage power
Darlington with a built−in active zener clamping circuit. This device is
specifically designed for unclamped, inductive applications such as
Electronic Ignition, Switching Regulators and Motor Control, and
exhibit the following main features:
Integrated High−Voltage Active Clamp
Tight Clamping Voltage Window (350 V to 450 V) Guaranteed
Over the −40°C to +125°C Temperature Range
Clamping Energy Capability 100% Tested in a Live
Ignition Circuit
High DC Current Gain/Low Saturation Voltages
Specified Over Full Temperature Range
Design Guarantees Operation in SOA at All Times
Offered in Plastic SOT−93/TO−218 Type or
TO−220 Packages
w This device is available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Sustaining Voltage
VCEO
350
Vdc
Collector−Emitter Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
— Peak
IC
ICM
10
20
Adc
Base Current — Continuous
— Peak
IB
IBM
3.0
6.0
Adc
Total Power Dissipation
(TC = 25_C)
Derate above 25_C
PD
150
1.0
Watts
W/_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 175
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RθJC
1.0
_C/W
Maximum Lead Temperature for Soldering Purposes:
1/8″ from Case for 5 Seconds
TL
260
_C
ON Semiconductor
t
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 12
1
Publication Order Number:
BU323Z/D
BU323Z
AUTOPROTECTED
DARLINGTON
10 AMPERES
360−450 VOLTS CLAMP
150 WATTS
CASE 340D−02
SOT−93/TO−218 TYPE
360 V
CLAMP


Número de pieza similar - BU323Z_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
More results

Descripción similar - BU323Z_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_05 Datasheet
90Kb / 8P
   NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
logo
Seme LAB
BUX37 SEME-LAB-BUX37 Datasheet
20Kb / 2P
   HIGH VOLTAGE SILICON NPN DARLINGTON
logo
Central Semiconductor C...
CMPTA29 CENTRAL-CMPTA29 Datasheet
80Kb / 2P
   HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
NTE Electronics
NTE2557 NTE-NTE2557 Datasheet
19Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch, Power Amp
NTE2317 NTE-NTE2317 Datasheet
28Kb / 2P
   Silicon NPN Transistor High Voltage Fast Switching Power Darlington
logo
Microsemi Corporation
2N7370 MICROSEMI-2N7370 Datasheet
62Kb / 2P
   NPN DARLINGTON HIGH POWER SILICON TRANSISTOR
logo
ON Semiconductor
FJB102 ONSEMI-FJB102 Datasheet
362Kb / 7P
   NPN High-Voltage Power Darlington Transistor
December 2014 Rev. 1.1.0
logo
Zetex Semiconductors
FCX705 ZETEX-FCX705 Datasheet
91Kb / 5P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
Unisonic Technologies
UDT1605 UTC-UDT1605_15 Datasheet
126Kb / 3P
   120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z_14 Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com