Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUB323Z Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza BUB323Z
Descripción Electrónicos  NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUB323Z Datasheet(HTML) 1 Page - ON Semiconductor

  BUB323Z Datasheet HTML 1Page - ON Semiconductor BUB323Z Datasheet HTML 2Page - ON Semiconductor BUB323Z Datasheet HTML 3Page - ON Semiconductor BUB323Z Datasheet HTML 4Page - ON Semiconductor BUB323Z Datasheet HTML 5Page - ON Semiconductor BUB323Z Datasheet HTML 6Page - ON Semiconductor BUB323Z Datasheet HTML 7Page - ON Semiconductor BUB323Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 1
1
Publication Order Number:
BUB323Z/D
BUB323Z
NPN Silicon Power
Darlington
High Voltage Autoprotected
D2PAK for Surface Mount
The BUB323Z is a planar, monolithic, high−voltage power
Darlington with a built−in active zener clamping circuit. This device is
specifically designed for unclamped, inductive applications such as
Electronic Ignition, Switching Regulators and Motor Control.
Features
Integrated High−Voltage Active Clamp
Tight Clamping Voltage Window (350 V to 450 V) Guaranteed
Over the − 40
°C to +125°C Temperature Range
Clamping Energy Capability 100% Tested in a Live
Ignition Circuit
High DC Current Gain/Low Saturation Voltages
Specified Over Full Temperature Range
Design Guarantees Operation in SOA at All Times
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Sustaining Voltage
VCEO
350
Vdc
Collector−Emitter Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
− Peak
IC
ICM
10
20
Adc
Base Current
− Continuous
− Peak
IB
IBM
3.0
6.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
150
1.0
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to
+175
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.0
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum Lead Temperature
for Soldering Purposes,
1/8 in from Case for 5 Seconds
TL
260
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
BUB323Z
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
http://onsemi.com
AUTOPROTECTED
DARLINGTON
10 AMPERES
360−450 VOLTS CLAMP
150 WATTS
360 V
CLAMP
MARKING
DIAGRAM
BUB323ZG
AYWW
D2PAK
CASE 418B
STYLE 1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Número de pieza similar - BUB323Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BUB323Z ONSEMI-BUB323Z Datasheet
118Kb / 12P
   NPN Silicon Power Darlington
September, 2001 ??Rev. 0
BUB323Z ONSEMI-BUB323Z Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
logo
Inchange Semiconductor ...
BUB323Z ISC-BUB323Z Datasheet
274Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
BUB323ZG ONSEMI-BUB323ZG Datasheet
85Kb / 8P
   NPN Silicon Power Darlington
September, 2014 ??Rev. 2
BUB323ZT4 ONSEMI-BUB323ZT4 Datasheet
118Kb / 12P
   NPN Silicon Power Darlington
September, 2001 ??Rev. 0
More results

Descripción similar - BUB323Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BU323Z ONSEMI-BU323Z_06 Datasheet
142Kb / 7P
   NPN Silicon Power Darlington High Voltage Autoprotected
March, 2006 ??Rev. 12
logo
Central Semiconductor C...
CZTA27 CENTRAL-CZTA27_10 Datasheet
532Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29_10 Datasheet
327Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CMPTA29 CENTRAL-CMPTA29 Datasheet
322Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZTA27 CENTRAL-CZTA27 Datasheet
526Kb / 2P
   SURFACE MOUNT HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
CZT2000 CENTRAL-CZT2000_10 Datasheet
533Kb / 2P
   SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
KZT122 KEXIN-KZT122 Datasheet
38Kb / 1P
   Surface Mount NPN Silicon Power Darlington Transistor
logo
ON Semiconductor
BSP52T1 ONSEMI-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Motorola, Inc
BSP52T1 MOTOROLA-BSP52T1 Datasheet
113Kb / 6P
   MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CMPT6427 CENTRAL-CMPT6427 Datasheet
323Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com