Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33065-H Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC33065-H
Descripción Electrónicos  High Performance Dual Channel Current Mode Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33065-H Datasheet(HTML) 4 Page - ON Semiconductor

  MC33065-H Datasheet HTML 1Page - ON Semiconductor MC33065-H Datasheet HTML 2Page - ON Semiconductor MC33065-H Datasheet HTML 3Page - ON Semiconductor MC33065-H Datasheet HTML 4Page - ON Semiconductor MC33065-H Datasheet HTML 5Page - ON Semiconductor MC33065-H Datasheet HTML 6Page - ON Semiconductor MC33065-H Datasheet HTML 7Page - ON Semiconductor MC33065-H Datasheet HTML 8Page - ON Semiconductor MC33065-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MC34065−H, L
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (VCC = 15 V [Note 2], RT = 8.2 kΩ, CT = 3.3 nF, for typical values TA = 25°C, for min/max
values
TA is the operating ambient temperature range that applies to [Note 3].)
Characteristics
Symbol
Min
Typ
Max
Unit
CURRENT SENSE SECTION
Current Sense Input Voltage Gain (Notes 4 and 5)
AV
2.75
3.0
3.25
V/V
Maximum Current Sense Input Threshold (Note 4)
Vth
0.9
1.0
1.1
V
Input Bias Current
IIB
− 2.0
− 10
μA
Propagation Delay (Current Sense Input to Output)
tPLN(In/Out)
150
300
ns
DRIVE OUTPUT 2 ENABLE PIN
Enable Pin Voltage − High State (Output 2 Enabled)
Enable Pin Voltage − Low State (Output 2 Disabled)
VIH
VIL
3.5
0
Vref
1.5
V
Low State Input Current (VIL = 0 V)
IIB
100
250
400
μA
DRIVE OUTPUTS
Output Voltage − Low State (Isink = 20 mA)
Output Voltage − Low State (Isink = 200 mA)
Output Voltage − High State (Isource = 20 mA)
Output Voltage − High State (Isource = 200 mA)
VOL
VOH
1.6
12.8
10
0.3
2.4
13.3
11.2
0.5
3.0
12.3
V
Output Voltage with UVLO Activated (VCC = 6.0 V, ISink = 1.0 mA)
VOL(UVLO)
0.1
1.1
V
Output Voltage Rise Time (CL = 1.0 nF)
tr
50
150
ns
Output Voltage Fall Time (CL = 1.0 nF)
tf
50
150
ns
UNDERVOLTAGE LOCKOUT SECTION
Startup Threshold (VCC Increasing)
−L Suffix
−H Suffix
Vth
7.8
13
8.4
14
9.0
15
V
Minimum Operating Voltage After Turn−On (VCC Decreasing)
−L Suffix
−H Suffix
VCC(min)
7.2
9.0
7.8
10
8.4
11
V
TOTAL DEVICE
Power Supply Current
Startup
−L Suffix (VCC = 6.0 V)
−H Suffix (VCC = 12 V)
Operating (Note 2)
ICC
0.4
0.6
20
0.8
1.0
25
mA
NOTES: 1. Maximum package power dissipation limits must be observed.
NOTES: 2. Adjust VCC above the startup threshold before setting to 15 V.
NOTES: 3. Low duty cycle pulse techniques are used during test to maintain junction
NOTES: 3. temperature as close to ambient as possible:
Tlow = 0°C for the MC34065
Thigh = +70°C for MC34065
Tlow = −40°C for the MC33065
Thigh = +85°C for MC33065
4. This parameter is measured at the latch trip point with VFB = 0 V
5. Comparator gain is defined as AV =
ΔV Compensation
ΔV Current Sense


Número de pieza similar - MC33065-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33065DW ONSEMI-MC33065DW Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065DW-H ONSEMI-MC33065DW-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065DW-L ONSEMI-MC33065DW-L Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
MC33065P ONSEMI-MC33065P Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
MC33065P-H ONSEMI-MC33065P-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results

Descripción similar - MC33065-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com