|
| MBT6429DW1T1_05 |
|
||
|
ONSEMI |
|
4 page
MBT6429DW1T1 http://onsemi.com 4 Figure 8. DC Current Gain IC, COLLECTOR CURRENT (mA) 0.4 1.0 2.0 3.0 4.0 0.3 0.01 0.05 2.0 3.0 10 0.02 0.03 0.2 1.0 0.1 5.0 VCE = 5.0 V TA = 125°C 25°C −55 °C 0.7 0.5 0.5 0.2 0.3 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 Figure 9. “On” Voltages IC, COLLECTOR CURRENT (mA) 0.4 0.6 0.8 1.0 0.2 Figure 10. Temperature Coefficients IC, COLLECTOR CURRENT (mA) 0.01 0 −0.8 −1.2 −1.6 −2.4 TJ = 25°C VCE(sat) @ IC/IB = 10 VBE @ VCE = 5.0 V TJ = 25°C to 125°C −55 °C to 25°C −0.4 −2.0 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 8.0 0.8 1.0 2.0 3.0 4.0 6.0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 TJ = 25°C Ccb Cob Ceb Cib 1.0 2.0 5.0 3.0 7.0 10 20 30 50 70 100 500 300 200 70 50 100 VCE = 5.0 V TJ = 25°C Figure 11. Capacitance VR, REVERSE VOLTAGE (VOLTS) Figure 12. Current−Gain − Bandwidth Product IC, COLLECTOR CURRENT (mA) |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| BC546_05 | Amplifier Transistors NPN Silicon | 1 2 3 4 5 More | ON Semiconductor |
| 2SC4617_04 | NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT | 1 2 3 4 | ON Semiconductor |
| BC237_06 | Amplifier Transistors NPN Silicon | 1 2 3 4 | ON Semiconductor |
| BC337_05 | Amplifier Transistors NPN Silicon | 1 2 3 4 5 | ON Semiconductor |
| 2N5088_07 | Amplifier Transistors NPN Silicon | 1 2 3 4 5 | ON Semiconductor |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| 2N5550_07 | Amplifier Transistors NPN Silicon | 1 2 3 4 5 More | ON Semiconductor |
| BC171 | NPN SILICON PLANAR TRANSISTORS | 1 2 3 4 | Continental Device India Limited |
| 2N3641 | NPN SILICON SIGNAL TRANSISTORS | 1 | Central Semiconductor Corp |
| 2N4921_06 | Medium−Power Plastic NPN Silicon Transistors | 1 2 3 4 5 More | ON Semiconductor |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |