Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72264G1 Datasheet(PDF) 10 Page - STMicroelectronics |
|
ST72264G1 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 172 page ST72260Gx, ST72262Gx, ST72264Gx 10/172 3 REGISTER & MEMORY MAP As shown in Figure 5, the MCU is capable of ad- dressing 64K bytes of memories and I/O registers. The available memory locations consist of 128 bytes of register location, 256 bytes of RAM and up to 8 Kbytes of user program memory. The RAM space includes up to 128 bytes for the stack from 0100h to 017Fh. The highest address bytes contain the user reset and interrupt vectors. The Flash memory contains two sectors (see Fig- ure 5) mapped in the upper part of the ST7 ad- dressing space so the reset and interrupt vectors are located in Sector 0 (F000h-FFFFh). The size of Flash Sector 0 and other device op- tions are configurable by Option byte (refer to Sec- tion 15.1 on page 162). IMPORTANT: Memory locations marked as “Re- served” must never be accessed. Accessing a re- seved area can have unpredictable effects on the device. Related Documentation AN 985: Executing Code in ST7 RAM Figure 5. Memory Map 0000h Program Memory (4K, 8 KBytes) Interrupt & Reset Vectors HW Registers 0080h 007Fh (see Table 2) E000h FFDFh FFE0h FFFFh (see Table 5 on page 32) 0180h Reserved 017Fh Short Addressing RAM 0100h 017Fh 0080h 00FFh RAM Zero page (128 Bytes) Stack or 16-bit Addressing RAM (128 Bytes) 4 Kbytes 4 Kbytes SECTOR 1 SECTOR 0 8K FLASH FFFFh F000h EFFFh E000h PROGRAM MEMORY DFFFh (256 Bytes) |
Número de pieza similar - ST72264G1 |
|
Descripción similar - ST72264G1 |