Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK7510-30 Datasheet(PDF) 6 Page - NXP Semiconductors

No. de pieza BUK7510-30
Descripción Electrónicos  TrenchMOS transistor Standard level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7510-30 Datasheet(HTML) 6 Page - NXP Semiconductors

  BUK7510-30 Datasheet HTML 1Page - NXP Semiconductors BUK7510-30 Datasheet HTML 2Page - NXP Semiconductors BUK7510-30 Datasheet HTML 3Page - NXP Semiconductors BUK7510-30 Datasheet HTML 4Page - NXP Semiconductors BUK7510-30 Datasheet HTML 5Page - NXP Semiconductors BUK7510-30 Datasheet HTML 6Page - NXP Semiconductors BUK7510-30 Datasheet HTML 7Page - NXP Semiconductors BUK7510-30 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7510-30
Standard level FET
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 75 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 45 A
Fig.16. Avalanche energy test circuit.
Fig.17. Switching test circuit.
0
1020
3040
5060
0
2
4
6
8
10
7510-30
QG / nC
VGS / V
VDS / V = 6
24
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
01
2
0
20
40
60
80
100
7510-30
VSDS / V
IF / A
Tj / C = 175
25
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
RD
T.U.T.
VDD
RG
VDS
+
-
VGS
0
December 1997
6
Rev 1.100


Número de pieza similar - BUK7510-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7510-100B NXP-BUK7510-100B Datasheet
534Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 03-14 April 2010
logo
List of Unclassifed Man...
BUK7510-100B ETC-BUK7510-100B Datasheet
133Kb / 15P
   TrenchMOS standard level FET
logo
Inchange Semiconductor ...
BUK7510-100B ISC-BUK7510-100B Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7510-100B NEXPERIA-BUK7510-100B Datasheet
485Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 4 - 4 January 2012
logo
NXP Semiconductors
BUK7510-100B PHILIPS-BUK7510-100B_15 Datasheet
215Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 4-4 January 2012
More results

Descripción similar - BUK7510-30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com