Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E445FN Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC100E445FN
Descripción Electrónicos  5V ECL 4-Bit Serial/Parallel Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E445FN Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC100E445FN Datasheet HTML 5Page - ON Semiconductor MC100E445FN Datasheet HTML 6Page - ON Semiconductor MC100E445FN Datasheet HTML 7Page - ON Semiconductor MC100E445FN Datasheet HTML 8Page - ON Semiconductor MC100E445FN Datasheet HTML 9Page - ON Semiconductor MC100E445FN Datasheet HTML 10Page - ON Semiconductor MC100E445FN Datasheet HTML 11Page - ON Semiconductor MC100E445FN Datasheet HTML 12Page - ON Semiconductor MC100E445FN Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC10E445, MC100E445
http://onsemi.com
10
Figure 8. Extended Frequency 1:8 Demultiplexer
800ps
1150ps
CLOCK B
Tpd CLK
to SOUT
CLOCK A
700ps
(1.4GHz)
100ps
Q3
Q7
Q2
Q6
Q1
Q5
Q0
Q4
SIN
SIN
SOUT
SOUT
E445a
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
SIN
SIN
E445b
CLOCK
CLOCK
SERIAL
INPUT
DATA
PARALLEL OUTPUT DATA
Figure 9. Timing Diagram A. 1:8 Serial to Parallel Conversion
Dn-4
Dn-3
Dn-2
Dn-1
Dn
Dn+1
Dn+2
Dn+3
Dn-4
Dn-3
Dn-2
Dn-1
Dn
Dn+1
Dn+2
Dn+3
Dn-4
Dn-3
Dn-2
Dn-1
Dn
Dn+1
Dn+2
Dn+3
CLK
SINa
Q0
Q1
Q2
Q3
Q4 (Q0 a)
Q5 (Q1 a)
Dn-4
Dn-3
Dn-2
Dn-1
Dn
Dn+1
Q6 (Q2 a)
Q7 (Q3 a)
SOUTa
SOUTb
CL/4a
CL/4b
CL/8a
CL/8b


Número de pieza similar - MC100E445FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E445 ONSEMI-MC100E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
More results

Descripción similar - MC100E445FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
MC10E445 ONSEMI-MC10E445 Datasheet
100Kb / 8P
   4-BIT SERIAL/ PARALLEL CONVERTER
1997 REV 3
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com