Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100ELT28D Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC100ELT28D
Descripción Electrónicos  5 V TTL to Differential PECL and Differential PECL to TTL Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT28D Datasheet(HTML) 6 Page - ON Semiconductor

  MC100ELT28D Datasheet HTML 1Page - ON Semiconductor MC100ELT28D Datasheet HTML 2Page - ON Semiconductor MC100ELT28D Datasheet HTML 3Page - ON Semiconductor MC100ELT28D Datasheet HTML 4Page - ON Semiconductor MC100ELT28D Datasheet HTML 5Page - ON Semiconductor MC100ELT28D Datasheet HTML 6Page - ON Semiconductor MC100ELT28D Datasheet HTML 7Page - ON Semiconductor MC100ELT28D Datasheet HTML 8Page - ON Semiconductor MC100ELT28D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10ELT28, MC100ELT28
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC10ELT28D
SOIC−8
98 Units / Rail
MC10ELT28DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10ELT28DR2
SOIC−8
2500 / Tape & Reel
MC10ELT28DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10ELT28DT
TSSOP−8
100 Units / Rail
MC10ELT28DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10ELT28DTR2
TSSOP−8
2500 / Tape & Reel
MC10ELT28DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10ELT28MNR4
DFN8
1000 / Tape & Reel
MC10ELT28MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100ELT28D
SOIC−8
98 Units / Rail
MC100ELT28DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100ELT28DR2
SOIC−8
2500 / Tape & Reel
MC100ELT28DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100ELT28DT
TSSOP−8
100 Units / Rail
MC100ELT28DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100ELT28DTR2
TSSOP−8
2500 / Tape & Reel
MC100ELT28DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100ELT28MNR4
DFN8
1000 / Tape & Reel
MC100ELT28MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Número de pieza similar - MC100ELT28D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
MC100ELT28DR2G ONSEMI-MC100ELT28DR2G Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
MC100ELT28DTG ONSEMI-MC100ELT28DTG Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
MC100ELT28DTR2G ONSEMI-MC100ELT28DTR2G Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results

Descripción similar - MC100ELT28D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_15 Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com