Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC10EL01DTG Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC10EL01DTG Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC10EL01, MC100EL01 http://onsemi.com 5 Figure 2. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D − Termination of ECL Logic Devices.) Driver Device Receiver Device QD Q D Zo = 50 W Zo = 50 W 50 W 50 W VTT VTT = VCC − 3.0 V ORDERING INFORMATION Device Package Shipping† MC10EL01D SOIC−8 98 Units / Rail MC10EL01DG SOIC−8 (Pb−Free) 98 Units / Rail MC10EL01DR2 SOIC−8 2500 / Tape & Reel MC10EL01DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC10EL01DT TSSOP−8 100 Units / Rail MC10EL01DTG TSSOP−8 (Pb−Free) 100 Units / Rail MC10EL01DTR2 TSSOP−8 2500 / Tape & Reel MC10EL01DTR2G TSSOP−8 (Pb−Free) 2500 / Tape & Reel MC10EL01MNR4 DFN8 1000 / Tape & Reel MC10EL01MNR4G DFN8 (Pb−Free) 1000 / Tape & Reel MC100EL01D SOIC−8 98 Units / Rail MC100EL01DG SOIC−8 (Pb−Free) 98 Units / Rail MC100EL01DR2 SOIC−8 2500 / Tape & Reel MC100EL01DR2G SOIC−8 (Pb−Free) 2500 / Tape & Reel MC100EL01DT TSSOP−8 100 Units / Rail MC100EL01DTG TSSOP−8 (Pb−Free) 100 Units / Rail MC100EL01DTR2 TSSOP−8 2500 / Tape & Reel MC100EL01DTR2G TSSOP−8 (Pb−Free) 2500 / Tape & Reel MC100EL01MNR4 DFN8 1000 / Tape & Reel MC100EL01MNR4G DFN8 (Pb−Free) 1000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Número de pieza similar - MC10EL01DTG |
|
Descripción similar - MC10EL01DTG |