Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10EP57 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza MC10EP57
Descripción Electrónicos  3.3V / 5V ECL 4:1 Differential Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC10EP57 Datasheet HTML 3Page - ON Semiconductor MC10EP57 Datasheet HTML 4Page - ON Semiconductor MC10EP57 Datasheet HTML 5Page - ON Semiconductor MC10EP57 Datasheet HTML 6Page - ON Semiconductor MC10EP57 Datasheet HTML 7Page - ON Semiconductor MC10EP57 Datasheet HTML 8Page - ON Semiconductor MC10EP57 Datasheet HTML 9Page - ON Semiconductor MC10EP57 Datasheet HTML 10Page - ON Semiconductor MC10EP57 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC10EP57, MC100EP57
http://onsemi.com
11
PACKAGE DIMENSIONS
X
M
0.10 (0.004)
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.00 BSC
0.157 BSC
B
4.00 BSC
0.157 BSC
C
0.80
1.00
0.031
0.039
D
0.23
0.35
0.009
0.014
G
0.50 BSC
0.020 BSC
H
1.38
1.43
0.054
0.056
J
0.20 REF
0.008 REF
K
0.00
0.05
0.000
0.002
L
0.35
0.45
0.014
0.018
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION D APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
−T−
−X−
NOTE 3
SEATING
PLANE
L
A
M
−Y−
B
N
0.25 (0.010) T
0.25 (0.010) T
J
C
K
R
0.08 (0.003) T
E
H
F
P
D
Y
1
5
6
15
11
20
16
E
2.75
2.85
0.108
0.112
F
2.75
2.85
0.108
0.112
M
2.00 BSC
0.079 BSC
N
2.00 BSC
0.079 BSC
P
1.38
1.43
0.054
0.056
R
0.60
0.80
0.024
0.031
G
10
QFN−20
CASE 485E−01
ISSUE O
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10EP57/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Número de pieza similar - MC10EP57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57 ONSEMI-MC10EP57 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
More results

Descripción similar - MC10EP57

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
logo
Micrel Semiconductor
SY100EP57V MICREL-SY100EP57V Datasheet
479Kb / 8P
   3.3V/5V PECL/ECL 3GHz DIFFERENTIAL 4:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10EP58 ONSEMI-MC10EP58_06 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC100EP58 ONSEMI-MC100EP58 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com