Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC10EP89 Datasheet(PDF) 6 Page - ON Semiconductor |
|
MC10EP89 Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 11 page MC10EP89 http://onsemi.com 6 Table 8. AC CHARACTERISTICS VCC = 0V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 14) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit fmax Maximum Toggle (See Figure 2 Fmax/JITTER) > 2 > 2 > 2 GHz tPLH, tPHL Propagation Delay to Output Differential 220 280 340 250 310 370 270 330 390 ps tSKEW Within Device Skew Q, Q Device to Device Skew (Note 15) 5.0 20 120 5.0 20 120 5.0 20 120 ps tJITTER Cycle−to−Cycle Jitter (See Figure 2 Fmax/JITTER) .5 < 1 .5 < 1 .5 < 1 ps VPP Input Voltage Swing (Differential Configuration) 150 800 1200 150 800 1200 150 800 1200 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) 175 250 325 200 275 350 225 295 375 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC−3.0 V. 15.Skew is measured between outputs under identical transitions. 0 200 400 600 800 1000 1200 1400 1600 1800 0 1000 2000 3000 4000 5000 1 2 3 4 5 6 7 8 9 Figure 2. Fmax/Jitter FREQUENCY (MHz) (JITTER) 3.3 V 5 V |
Número de pieza similar - MC10EP89 |
|
Descripción similar - MC10EP89 |