Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H136 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC10H136
Descripción Electrónicos  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10H136_06 Datasheet HTML 1Page - ON Semiconductor MC10H136_06 Datasheet HTML 2Page - ON Semiconductor MC10H136_06 Datasheet HTML 3Page - ON Semiconductor MC10H136_06 Datasheet HTML 4Page - ON Semiconductor MC10H136_06 Datasheet HTML 5Page - ON Semiconductor MC10H136_06 Datasheet HTML 6Page - ON Semiconductor MC10H136_06 Datasheet HTML 7Page - ON Semiconductor MC10H136_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H136
http://onsemi.com
4
Table 5. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Clock to Q
Clock to Carry Out
Carry in to Carry
Out
0.7
1.0
0.7
2.3
4.8
2.5
0.7
1.0
0.7
2.4
4.9
2.6
0.7
1.0
0.7
2.5
5.0
2.7
ns
tset
Set-up Time
Data (D0 to C)
Select (S to C)
Carry In (Cin to C)
(C to Cin)
2.0
3.5
2.0
0
2.0
3.5
2.0
0
2.0
3.5
2.0
0
ns
thold
Hold Time
Data (C to D0)
Select (C to S)
Carry In (C to Cin)
(Cin to C)
0
−0.5
0
2.2
0
−0.5
0
2.2
0
−0.5
0
2.2
ns
fcount
Counting Frequency
250
250
250
MHz
tr
Rise Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
tf
Fall Time
0.5
2.3
0.5
2.4
0.5
2.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Q2
T
T
T
T
T
T
T
Q3
T
Q3
Q1
Q1
T
T
C
T
C
T C
Q0
Figure 2. Logic Diagram
NOTE: FLIP-FLOPS WILL TOGGLE WHEN ALL T INPUTS ARE LOW.
S1 9
S2 7
Carry In
10
Clock
13
12
D0
14
Q0
11
D1
15
Q1
6
D2
2
Q2
5
D3
3
Q3
4
Carry Out
T
C
Q0
T
Q2
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8


Número de pieza similar - MC10H136_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
MC10H136PG ONSEMI-MC10H136PG Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
More results

Descripción similar - MC10H136_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com