Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H165 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10H165
Descripción Electrónicos  8?묲nput Priority Encoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H165 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H165_06 Datasheet HTML 1Page - ON Semiconductor MC10H165_06 Datasheet HTML 2Page - ON Semiconductor MC10H165_06 Datasheet HTML 3Page - ON Semiconductor MC10H165_06 Datasheet HTML 4Page - ON Semiconductor MC10H165_06 Datasheet HTML 5Page - ON Semiconductor MC10H165_06 Datasheet HTML 6Page - ON Semiconductor MC10H165_06 Datasheet HTML 7Page - ON Semiconductor MC10H165_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC10H165/D
MC10H165
8−Input Priority Encoder
Description
The MC10H165 is an 8−Input Priority Encoder. This 10H part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in propagation delay, and no increases
in power−supply current.
Features
Propagation Delay, Data−to−Output, 2.2 ns Typical
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
DIP
PIN ASSIGNMENT
VCC1
Q1
Q0
CLOCK
D0
D7
D1
VEE
VCC2
Q2
Q3
D2
D5
D4
D3
D6
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TRUTH TABLE
DATA INPUTS
OUTPUTS
D0
H
L
L
L
L
L
L
L
L
D1
X
H
L
L
L
L
L
L
L
D2
X
X
H
L
L
L
L
L
L
D3
X
X
X
H
L
L
L
L
L
D4
X
X
X
X
H
L
L
L
L
D5
X
X
X
X
X
H
L
L
L
D6
X
X
X
X
X
X
H
L
L
D7
X
X
X
X
X
X
X
H
L
Q3
H
H
H
H
H
H
H
H
L
Q2
L
L
L
L
H
H
H
H
L
Q1
L
L
H
H
L
L
H
H
L
Q0
L
H
L
H
L
H
L
H
L
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H165P
AWLYYWWG
1
16
MC10H165L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H165G
AWLYYWW
120


Número de pieza similar - MC10H165_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results

Descripción similar - MC10H165_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
NXP Semiconductors
HEF4532B PHILIPS-HEF4532B Datasheet
99Kb / 8P
   8-input priority encoder
January 1995
10165 PHILIPS-10165 Datasheet
222Kb / 5P
   8-Input Priority Encoder
June 14 1990
logo
Fairchild Semiconductor
4532B FAIRCHILD-4532B Datasheet
119Kb / 3P
   8-INUPUT PRIORITY ENCODER
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com