Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H173 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10H173
Descripción Electrónicos  Quad 2?묲nput Multiplexer/Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H173 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H173 Datasheet HTML 1Page - ON Semiconductor MC10H173 Datasheet HTML 2Page - ON Semiconductor MC10H173 Datasheet HTML 3Page - ON Semiconductor MC10H173 Datasheet HTML 4Page - ON Semiconductor MC10H173 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 7
1
Publication Order Number:
MC10H173/D
MC10H173
Quad 2−Input Multiplexer/
Latch
The MC10H173 is a quad 2−input multiplexer with latch. This
device is a functional/pinout duplication of the standard MECL 10K
part, with 100% improvement in propagation delay and no increase in
power supply current.
Data Propagation Delay, 1.5 ns Typical
Power Dissipation, 275 mW Typical
Improved Noise Margin 150 mV (over
operating voltage and temperature range)
Voltage Compensated
MECL 10K−Compatible
TRUTH TABLE
DIP
PIN ASSIGNMENT
Q0
Q1
D11
D10
D01
D00
CLOCK
VEE
VCC
Q2
Q3
D20
D21
D30
D31
SELECT
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SELECT
CLOCK
Q0n + 1
H
L
X
L
L
H
D00
D01
Q0n
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10H173L
CDIP−16
25 Units/Rail
MC10H173P
PDIP−16
25 Units/Rail
MC10H173FN
PLCC−20
46 Units/Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP−16
L SUFFIX
CASE 620
MC10H173L
AWLYYWW
PDIP−16
P SUFFIX
CASE 648
PLCC−20
FN SUFFIX
CASE 775
10H173
AWLYYWW
1
1
16
MC10H173P
AWLYYWW


Número de pieza similar - MC10H173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
More results

Descripción similar - MC10H173

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H159 ONSEMI-MC10H159_06 Datasheet
155Kb / 7P
   Quad 2?묲nput Multiplexer
February, 2006 ??Rev. 7
MC10H158 ONSEMI-MC10H158_06 Datasheet
154Kb / 6P
   Quad 2?묲nput Multiplexer (Non?묲nverting)
February, 2006 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com