Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC10SX1189DR2 Datasheet(PDF) 4 Page - ON Semiconductor |
|
MC10SX1189DR2 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 5 page MC10SX1189 http://onsemi.com 4 Table 3. AC CHARACTERISTICS (VCC = 4.5 V to 5.5 V) (Note 5) Symbol Characteristic −40°C 0 to 85°C Unit Condition Min Typ Max Min Typ Max tPLH, tPHL Propagation Delay DR → QR (Diff) to Output (SE) DR → QT (Diff) (SE) DT → QT (Diff) (SE) 175 150 250 225 225 200 300 300 425 425 400 400 450 500 650 700 650 725 225 175 300 250 275 225 325 325 450 450 425 425 500 550 650 700 650 725 ps Note 6 Note 7 Propagation Delay SEL → QT,QT 450 600 850 500 650 800 1.5V to 50% Pt tr, tf Rise Time QR,QR Fall Time 100 100 275 275 400 400 125 125 275 275 400 400 ps 20% to 80% 80% to 20% tr, tf Rise Time QT,QT Fall Time 150 150 300 300 550 550 150 150 300 300 550 550 ps 20% to 80% 80% to 20% tskew Within Device Skew 15 15 ps Note 8 VPP Minimum Input Swing 200 1000 200 1000 mV Note 9 VCMR Common Mode Range 3.00 4.35 3.00 4.35 V Note 10 NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. VEE can vary +0.5 V to −0.5 V. 6. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the differential output signals. 7. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. 8. Duty cycle skew is the difference between tPLH and tPHL propagation delay through a device. 9. Minimum input swing for which AC parameters are guaranteed. 10.The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP Min and 1.0 V. ORDERING INFORMATION Device Package Shipping† MC10SX1189D SOIC−16 45 Units / Rail MC10SX1189DG SOIC−16 (Pb−Free) 45 Units / Rail MC10SX1189DR2 SOIC−16 2500 / Tape & Reel MC10SX1189DR2G SOIC−16 (Pb−Free) 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Número de pieza similar - MC10SX1189DR2 |
|
Descripción similar - MC10SX1189DR2 |