Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC26LS30 Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza MC26LS30
Descripción Electrónicos  Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC26LS30_05 Datasheet HTML 4Page - ON Semiconductor MC26LS30_05 Datasheet HTML 5Page - ON Semiconductor MC26LS30_05 Datasheet HTML 6Page - ON Semiconductor MC26LS30_05 Datasheet HTML 7Page - ON Semiconductor MC26LS30_05 Datasheet HTML 8Page - ON Semiconductor MC26LS30_05 Datasheet HTML 9Page - ON Semiconductor MC26LS30_05 Datasheet HTML 10Page - ON Semiconductor MC26LS30_05 Datasheet HTML 11Page - ON Semiconductor MC26LS30_05 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MC26LS30
http://onsemi.com
8
Figure 12. Internal Positive Bias Current
versus Load Current
Figure 13. Internal Negative Bias Current
versus Load Current
Figure 14. Short Circuit Current
versus Output Voltage
Figure 15. Short Circuit Current
versus Temperature
Figure 16. Rise/Fall Time versus Capacitance
TOTAL LOAD CURRENT (mA)
IOL
Vin = LoVin = Hi
Single Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Supply Current = Bias Current + IOH
−80
IOH
−240
0
−160
240
160
80
26
22
18
14
10
TOTAL LOAD CURRENT (mA)
020
85
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Supply Current = Bias Current + IOL
0
TA, AMBIENT TEMPERATURE (°C)
10
CC, CAPACITANCE (pF)
Single or Differential Mode
VCC = 5.0 V, VEE = −5.0 V or Gnd
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
1.0
Vin = LoVin = Hi
50
−40
IOL
−80
−240
0
−160
240
160
80
−5.0
−20
−15
−10
IOH
Normally High Output
Single−Ended Mode
Mode = 1
VCC = 5.0 V, VEE = −5.0 V
Normally Low Output
−100
−20
20
−60
60
100
0
Vza, APPLIED OUTPUT VOLTAGE (V)
−2.0
−4.0
−6.0
2.0
4.0
6.0
Normally Low Output
10 k
10
100
100
1.0 k
40
−110
110
−100
90
70
60
−20
1.0 k
−90
Normally High Output to Ground


Número de pieza similar - MC26LS30_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30D ONSEMI-MC26LS30D Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
More results

Descripción similar - MC26LS30_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30 Datasheet
108Kb / 16P
   Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
July, 2000 ??Rev. 1
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC26C31 MOTOROLA-MC26C31 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
MC26C32 MOTOROLA-MC26C32 Datasheet
115Kb / 4P
   Quad EIA-422-A Line Receiver
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML Datasheet
381Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C87 MOTOROLA-MC34C87 Datasheet
119Kb / 4P
   Quad EIA-422-A Line Driver
logo
Texas Instruments
DS96F174MQML TI-DS96F174MQML_15 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F172MQML/DS96F174MQML EIA-485/EIA-422 Quad Differential Drivers
logo
Motorola, Inc
MC34C86 MOTOROLA-MC34C86 Datasheet
116Kb / 4P
   Quad EIA-422-A Line Receiver CMOS
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com