Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10H180FN Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10H180FN
Descripción Electrónicos  Dual 2?묪it Adder/Subtractor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H180FN Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H180FN Datasheet HTML 1Page - ON Semiconductor MC10H180FN Datasheet HTML 2Page - ON Semiconductor MC10H180FN Datasheet HTML 3Page - ON Semiconductor MC10H180FN Datasheet HTML 4Page - ON Semiconductor MC10H180FN Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 7
1
Publication Order Number:
MC10H180/D
MC10H180
Dual 2−Bit Adder/Subtractor
Description
The MC10H180 is a high−speed, low−power, general−purpose
adder/ subtractor. It is designed to be used in special purpose
adders/subtractors or in high−speed multiplier arrays.
Inputs for each adder are Carry−in, Operand A, and Operand B;
outputs are Sum, Sum and Carry−out. The common select inputs serve
as a control line to Invert A for subtract, and a control line to Invert B.
Features
Propagation Delay, 1.8 ns Typical, Operand and Select to Output
Power Dissipation, 360 mW Typical MC10H180
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K™ Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP PIN ASSIGNMENT
S1
S0
COUT
CIN
A0
B0
SELA
VEE
VCC
S0
S1
COUT
CIN
A1
B1
SELB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
10
S1
S0
CIN
BO
AO
SELB
SELA
VCC = PIN 16
VEE = PIN 8
7
9
5
4
6
15
2
11
12
3
14
1
13
SELA
SELB
A1
B1
CIN
S0
COUT
S1
COUT
POSITIVE LOGIC ONLY
A’ = A  SELA = A SELA
B’ = B  SELB = B SELB
S= CIN (A’ B’ + A’ B’) +
CIN(A’ B’ + A’ B’)
COUT = CINA’ + CINB’ + A’ B’
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H180P
AWLYYWWG
1
16
MC10H180L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H180G
AWLYYWW
120


Número de pieza similar - MC10H180FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H180FN ONSEMI-MC10H180FN Datasheet
112Kb / 4P
   Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
More results

Descripción similar - MC10H180FN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H180 ONSEMI-MC10H180 Datasheet
112Kb / 4P
   Dual 2 Bit Adder/Subtractor
March, 2000 ??Rev. 6
logo
NXP Semiconductors
10180 PHILIPS-10180 Datasheet
225Kb / 5P
   Dual 2-Bit Adder/Subtractor
June 14 1990
74F385 PHILIPS-74F385 Datasheet
64Kb / 6P
   Quad serial adder/subtractor
1989 Sep 20
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_05 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
logo
G.M. International
D1072 GMI-D1072 Datasheet
642Kb / 6P
   SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
D1052 GMI-D1052 Datasheet
446Kb / 4P
   Analog Signal Converter, Duplicator, Adder/Subtractor DIN-Rail D1052S, D1052D, D1052X, D1052Y
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_06 Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC74VHCT393A ONSEMI-MC74VHCT393A Datasheet
249Kb / 9P
   Dual 4?묪it Binary Ripple Counter
June, 2006 ??Rev. 1
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
   NBCD ADDER
logo
Motorola, Inc
MC14560B MOTOROLA-MC14560B Datasheet
310Kb / 13P
   NBCD Adder
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com