Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74ACT05MEL Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC74ACT05MEL
Descripción Electrónicos  Hex Inverter with Open?묭rain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT05MEL Datasheet(HTML) 3 Page - ON Semiconductor

  MC74ACT05MEL Datasheet HTML 1Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 2Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 3Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 4Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 5Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 6Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 7Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 8Page - ON Semiconductor MC74ACT05MEL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC05, MC74ACT05
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
3.0
1.5
2.1
2.1
VOUT = 0.1 V
4.5
2.25
3.15
3.15
V
or VCC − 0.1 V
5.5
2.75
3.85
3.85
VIL
Maximum Low Level Input Voltage
3.0
1.5
0.9
0.9
VOUT = 0.1 V
4.5
2.25
1.35
1.35
V
or VCC − 0.1 V
5.5
2.75
1.65
1.65
VOL
Maximum Low Level Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V.
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
TA = +25°C CL = 50 pF
TA = −40°C to +85°C CL = 50 pF
Min
Typ
Max
Min
Max
tPZL
Propagation Delay Output Enable
3.3
1.5
8.0
1.0
9.0
ns
5.0
1.5
6.0
1.0
6.5
tPLZ
Propagation Delay Output Enable
3.3
1.5
8.0
1.0
9.0
ns
5.0
1.5
6.0
1.0
6.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.


Número de pieza similar - MC74ACT05MEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74ACT05 MOTOROLA-MC74ACT05 Datasheet
126Kb / 5P
   HEX INVERTER WITH OPEN-DRAIN OUTPUTS
MC74ACT05D MOTOROLA-MC74ACT05D Datasheet
126Kb / 5P
   HEX INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74ACT05DG ONSEMI-MC74ACT05DG Datasheet
87Kb / 7P
   Hex Inverter with Open-Drain Outputs
January, 2015 ??Rev. 9
logo
Motorola, Inc
MC74ACT05DR2 MOTOROLA-MC74ACT05DR2 Datasheet
126Kb / 5P
   HEX INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
MC74ACT05DR2G ONSEMI-MC74ACT05DR2G Datasheet
87Kb / 7P
   Hex Inverter with Open-Drain Outputs
January, 2015 ??Rev. 9
More results

Descripción similar - MC74ACT05MEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
   Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
   Hex inverter with open-drain outputs
logo
National Semiconductor ...
54AC05 NSC-54AC05 Datasheet
113Kb / 6P
   Hex Inverter with Open Drain Outputs
logo
Fairchild Semiconductor
74AC05 FAIRCHILD-74AC05 Datasheet
33Kb / 4P
   Hex Inverter with Open Drain Outputs
logo
NXP Semiconductors
74HC05 NXP-74HC05 Datasheet
90Kb / 13P
   Hex inverter with open-drain outputs
Rev. 02-18 June 2009
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A_13 Datasheet
123Kb / 6P
   Hex Inverter with Open Drain Outputs
May, 2013 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC06A NEXPERIA-74LVC06A Datasheet
234Kb / 12P
   Hex inverter with open-drain outputs
Rev. 7 - 4 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com