Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2524C Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

No. de pieza SL2524C
Descripción Electrónicos  1.3GHz Dual Wideband Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZARLINK [Zarlink Semiconductor Inc]
Página de inicio  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2524C Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  SL2524C Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SL2524
5
GENERAL DESCRIPTION
The SL2524 is primarily intended for use in Radar and EW
receivers. Six stages (3 chip carriers) can be cascaded to form
a very wideband logarithmic ampifier offering >65dB of input
dynamic range, with pulse handling of better than 25ns. (See
figs 5 and 6.)
A six stange strip also offers balanced IF limiting, linearity
(log accuracy) of <
±1.0dB, temperature stabilisation and
programmable detector characteristics.
The detector has an external resistor set (R
SET) pin which
allows the major characteristics of the detector to be
programmed. With six stage strip it is possible to vary the
value of R
SET on each detector and so improve the overall log
error/linearity.
The detector is full wave and good slew rates are achieved
with 2ns rise and 5ns fall times (no video filter). The video
bandwidth of a six stage strip is typically 600MHz (-3dB).
The amplifier also offers balanced IF limiting, low phase
shift versus input amplitude, and at an IF of 120MHz, less than
5
° of phase change is achievable over the input level of
-55dBm to +5dBm.
The IF and Video ports can be used simultaneously, so
offering phase, frequency and pulse (video) information. A
slight loss of dynamic range (2dB) will be observed when the
IF ports are used in conjunction with the video.
Fig.4 Test circuit
Fig.5 Schematic diagram showing configuration of SD Log strip


Número de pieza similar - SL2524C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL2524C MITEL-SL2524C Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
More results

Descripción similar - SL2524C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com